Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XL1000 Datasheet(PDF) 4 Page - Mimix Broadband

Part No. XL1000
Description  20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1000 Datasheet(HTML) 4 Page - Mimix Broadband

  XL1000 Datasheet HTML 1Page - Mimix Broadband XL1000 Datasheet HTML 2Page - Mimix Broadband XL1000 Datasheet HTML 3Page - Mimix Broadband XL1000 Datasheet HTML 4Page - Mimix Broadband XL1000 Datasheet HTML 5Page - Mimix Broadband XL1000 Datasheet HTML 6Page - Mimix Broadband XL1000 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
20.0-40.0 GHz GaAs MMIC
Low Noise Amplifier
Page 4 of 7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
S-Parameters
L1000
Typical S-Parameter Data for XL1000
Vd=5 V
Id=50 mA
Frequency
(GHz)
S11 Mag
dB
Ang º
S21 Mag
dB
Angº
S12 Mag
dB
Angº
S22 Mag
dB
Angº
18
-2.600
-172.8
9.028
27.5
-54.509
165.0
-3.453
-122.3
19
-3.409
126.2
18.842
-17.5
-53.271
124.2
-4.345
-56.8
20
-10.078
-1.0
24.224
-105.0
-57.935
67.3
-4.854
6.6
21
-15.538
-156.2
23.310
-172.1
-56.605
10.8
-6.249
49.5
22
-14.868
130.9
22.707
147.5
-56.413
-32.4
-7.361
104.0
23
-14.383
87.3
22.544
115.5
-53.163
-72.0
-8.568
174.2
24
-14.351
48.6
22.572
82.3
-51.183
-99.4
-9.431
-142.6
25
-14.446
19.7
22.613
52.2
-49.459
-126.2
-9.959
-84.0
26
-15.816
-0.4
22.458
22.4
-48.784
-139.9
-10.403
-22.0
27
-17.560
-20.7
22.178
-7.4
-48.461
-159.9
-11.048
27.4
28
-19.092
-41.7
21.859
-33.7
-45.980
-171.2
-11.936
93.6
29
-22.798
-51.1
21.171
-59.0
-47.457
161.5
-12.946
167.7
30
-26.012
-68.9
20.570
-82.0
-47.358
149.7
-13.737
-119.1
31
-26.152
-108.3
20.086
-104.4
-46.965
146.1
-14.992
-48.2
32
-24.241
-147.9
19.426
-126.9
-45.662
138.2
-16.501
12.0
33
-21.954
-166.9
18.909
-147.0
-45.317
129.7
-17.747
87.3
34
-19.416
-169.0
18.548
-164.7
-45.776
102.9
-17.865
164.5
35
-15.716
172.5
18.136
173.7
-46.026
108.2
-19.936
-128.8
36
-13.036
167.1
17.783
154.8
-48.076
98.6
-21.248
-65.2
37
-11.444
161.2
17.463
136.3
-45.494
86.8
-21.347
-1.9
38
-8.718
151.7
17.153
114.6
-47.150
57.3
-19.655
33.6
39
-7.306
145.2
16.619
94.8
-47.596
48.1
-19.338
92.3
40
-5.717
135.2
15.988
74.1
-49.537
28.4
-17.564
151.6
Typical S-Parameter Data for XL1000
Vd=3 V
Id=35 mA
Frequency
(GHz)
S11 Mag
dB
Ang º
S21
Mag dB
Angº
S12
Mag dB
Angº
S22
Mag dB
Angº
18
-2.200
-172.1
7.284
32.8
-54.177
165.1
-3.618
-121.8
19
-2.399
133.1
16.781
-9.0
-51.411
126.6
-4.679
-56.4
20
-7.105
25.6
22.182
-93.5
-53.098
51.8
-5.369
8.5
21
-16.496
-158.8
21.456
-167.2
-53.707
-1.3
-6.741
51.4
22
-13.705
125.9
20.991
153.4
-52.904
-40.7
-7.966
105.7
23
-12.473
86.8
20.832
122.1
-50.363
-74.6
-9.227
173.6
24
-12.081
52.9
20.926
89.4
-48.447
-102.1
-10.152
-144.8
25
-12.038
27.4
21.015
60.0
-47.146
-129.2
-10.567
-88.5
26
-12.956
8.6
20.987
31.1
-46.486
-143.7
-10.909
-28.7
27
-14.269
-9.2
20.854
1.8
-45.888
-165.1
-11.395
18.1
28
-15.397
-25.1
20.628
-24.1
-43.938
-165.8
-12.052
82.0
29
-17.700
-32.6
20.224
-49.5
-44.948
153.4
-13.273
153.0
30
-19.336
-41.1
19.788
-72.8
-44.741
139.6
-14.044
-136.2
31
-20.634
-59.7
19.509
-95.9
-44.813
132.0
-14.985
-68.6
32
-21.606
-86.6
19.002
-118.9
-43.798
122.4
-16.398
-14.9
33
-21.541
-110.7
18.582
-139.4
-43.461
113.9
-17.350
54.3
34
-18.765
-126.6
18.293
-158.0
-43.458
86.6
-17.210
142.7
35
-15.442
-152.7
17.991
173.3
-44.577
85.5
-17.880
-158.5
36
-12.610
-169.7
17.705
159.0
-46.372
68.5
-17.598
-113.4
37
-10.623
173.2
17.369
139.1
-44.693
57.7
-16.893
-45.5
38
-7.853
163.4
16.982
115.8
-45.551
24.5
-14.959
3.2
39
-6.345
152.6
16.304
94.6
-45.794
8.7
-14.213
68.5
40
-4.936
139.4
15.469
73.2
-47.691
-18.2
-13.011
135.0
April 2005 - Rev 01-Apr-05


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC460GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC282GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA035N1-0028-36 GHz GaAs MMIC Low Noise Amplifier 1 2 3 Alpha Industries
HMC516GaAs PHEMT MMIC LOW NOISE AMPLIFIER 7 - 17 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC320MS8GGaAs MMIC LOW NOISE AMPLIFIER 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
CMM40002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CMM11002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC517GaAs PHEMT MMIC LOW NOISE AMPLIFIER 17 - 26 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn