Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEP125-8R2MC-H Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEP125-8R2MC-H
Description  POWER INDUCTORS (SMD Type)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP125-8R2MC-H Datasheet(HTML) 1 Page - Sumida Corporation

  CEP125-8R2MC-H Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER INDUCTORS (SMD Type)
CEP125
OUTLINE /
CEP125
DIMENSIONS (mm)
/ インダクタンス公差
/ インダクタンス測定周波数
(L)
/ 品名表記法
100kHz
100kHz
0.68 µH ± 30% (N), 1.5µH – 10 µH ± 20% (M)
Measuring Freq. (L)
Tolerance of Inductance
CEP125(S)
CEP125(U)
CEP125(S)
Ordering Code
CEP125 -
-
: Parts No.
: Tolerance of inductance
M (20%)
N (30%)
: Packing
C (Carrier tape)
B (Box)
:
/ 無鉛製品について
About Lead-free products
. Lead-free products are now available for sale
. To order a lead-free product, please add"NP" after the product type:
無鉛製品は現在、販売されております。
ご注文の際は製品タイプ名の後に”NP”をつけてください。
e.g.
△△△○×
Ordering code of lead-free product: Type name NP△△△○×
.
.
Ordering code of lead product: Type name-
/ その他
Other
*E
Saturation Rated Current : The current either the inductance value becomes 35% (tolerance±
30%) lower than its nominal value or becomes 25% (tolerance± 20%) lower than its nominal
°C)
*E
直流重畳許容電流:直流重畳許容電流を流した時、インダクタンスが公称インダクタンスの
65%以上(インダクタンスの交差が±30%時)、又は75%以上(インダクタンスの交差が±20%時)
*IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes
∆T=40°C. (Ta=20
*IV 温度上昇実力電流:直流電流を流した時、コイルの温度上昇がΔT=40℃となる電流の実力値
°C)
value.(Ta=20
となるとなる(Ta=20℃)
とする。(Ta=20℃)
0.35µH – 0.8 µH ± 30% (N), 1.4 µH – 5.6 µH ± 20% (M)
CEP125(U)
D (0.68 µH, 1.5µH)
H (High power type 1.8µH – 7.2µH)
HD (0.47 µH, 1.0µH)
H (Ultra power type 1.4 µH – 5.6µH)
UD (0.35 µH, 0.8µH)
100kHz
CEP125(H)
0.47µH ± 30% (N), 1.0 µH – 7.2 µH ± 20% (M)
CEP125(H)
( 0.35µH - 10µH )
4.2
4.0
5.6MAX.
12.9MAX.
13.5
4.2 4.0
2
1
3
BOTTOM VIEW / 裏面図
外形寸法図
磁気構造図
http://www.sumida.com
Rev1.0 09/2004
North America
Tel:(1) 847 545-6700
Fax:(1) 847 545-6720
E-mail: sales@us.sumida.com
Japan
Tel:(81) 03 3667-3302
Fax:(81) 03 3667-3408
Hong Kong
Tel:(852) 2880-6688
Fax:(852) 2565-9600
E-mail: sales@hk.sumida.com
Taiwan
Tel:(886) 2 2726-2177
Fax:(886) 2 2728-2726
E-mail: sales@tw.sumida.com
Singapore
Tel:(65) 6296-3388
Fax:(65) 6296-3390
E-mail: sales@sg.sumida.com
Europe
Tel:(32) 2673-9565
Fax:(32) 2672-0454
E-mail: sales@eu.sumida.com
CONSTRUCTION
概要
概要
概要
SHIELDED TYPE / 開磁路タイプ
By using the square wire, power inductors can be used for large currents with low profile and low resistance.
平角線を使用する事により、薄形・低抵抗で大電流対応を実現しました。
LAND PATTERNS (mm)
推奨ランド寸法
CONNECTION
端子接続
Parts No.
L (H)
CEP125 (Standard Type)
CEP125 (High Power Type)
0R3
0R4
0R6
0R8
1R0
1R4
1R5
1R8
2R2
2R5
2R8
3R2
4R0
4R3
5R6
6R0
7R2
8R2
100
0.35 µ
0.47 µ
0.68 µ
0.8 µ
1.0 µ
1.4 µ
1.5 µ
1.8 µ
2.2 µ
2.5 µ
2.8 µ
3.2 µ
4.0 µ
4.3 µ
5.6 µ
6.0 µ
7.2 µ
8.2 µ
10 µ
D.C.R.(Ω) :
Max.(Typ.)
Saturation Rated
Current (A) *E
20°c
100°c
Temperature
RiseCurrent
(Typ.)(A)*IV
28.8
20.0
15.3
12.3
10.3
8.8
7.8
25.6
17.4
12.9
10.2
8.6
7.7
6.6
19.5
18.0
15.5
12.5
9.9
8.2
7.6
1.5m( 1.2m)
2.2m( 1.8m)
3.4m( 2.8m)
5.4m( 4.5m)
8.0m( 6.6m)
11.4m( 9.5m)
13.5m(11.2m)
20.4
14.0
10.0
8.3
6.7
5.8
5.0
17.6
11.8
8.8
7.2
5.8
5.1
4.6
19.5
18.0
15.5
12.5
9.9
8.2
7.6
1.5m( 1.2m)
2.2m( 1.8m)
3.4m( 2.8m)
5.4m( 4.5m)
8.0m( 6.6m)
11.4m( 9.5m)
13.5m(11.2m)
D.C.R.(Ω) :
Max.(Typ.)
Saturation Rated
Current (A) *E
20°c
100°c
Temperature
RiseCurrent
(Typ.)(A)*IV
CEP125 (Ultra Power Type)
35.0
25.7
19.2
14.8
12.8
11.0
9.5
32.0
21.8
16.4
12.8
10.9
9.1
7.8
19.5
18.0
15.5
12.5
9.9
8.2
7.6
1.5m( 1.2m)
2.2m( 1.8m)
3.4m( 2.8m)
5.4m( 4.5m)
8.0m( 6.6m)
11.4m( 9.5m)
13.5m(11.2m)
D.C.R.(Ω) :
Max.(Typ.)
Saturation Rated
Current (A) *E
20°c
100°c
Temperature
RiseCurrent
(Typ.)(A)*IV


Similar Part No. - CEP125-8R2MC-H

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEP125N15 CET-MOS-CEP125N15 Datasheet
424Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2020.Mar
logo
Sumida Corporation
CEP125NP-0R3NC-U SUMIDA-CEP125NP-0R3NC-U Datasheet
171Kb / 5P
   SMD Power Inductor
CEP125NP-0R8NC-U SUMIDA-CEP125NP-0R8NC-U Datasheet
171Kb / 5P
   SMD Power Inductor
CEP125NP-100MC SUMIDA-CEP125NP-100MC Datasheet
171Kb / 5P
   SMD Power Inductor
CEP125NP-1R0MC-H SUMIDA-CEP125NP-1R0MC-H Datasheet
171Kb / 5P
   SMD Power Inductor
More results

Similar Description - CEP125-8R2MC-H

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH8D38 SUMIDA-CDRH8D38 Datasheet
235Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH104R SUMIDA-CDRH104R Datasheet
236Kb / 3P
   POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
   POWER INDUCTORS (SMD Type)
CLS4D09 SUMIDA-CLS4D09 Datasheet
240Kb / 1P
   POWER INDUCTORS (SMD Type)
CMD5D11 SUMIDA-CMD5D11 Datasheet
117Kb / 2P
   POWER INDUCTORS
CR10D37 SUMIDA-CR10D37 Datasheet
113Kb / 2P
   POWER INDUCTORS
CDEP145 SUMIDA-CDEP145 Datasheet
113Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com