Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSX9 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX9
Description  SM Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX9 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX9 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal
GSX-9
28 Jun 2004
ACTUAL SIZE
11.60
(max)
5.50
(max)
2.20
(max)
5.08
2.00
2.00
3.80
SOLDER PAD LAYOUT
2.30
2.30
2.40
2.68
2.40
TOP VIEW
2.50
R0.50
1.10
12
43
1
4
2
3
Features
« 2.2mm max height
« Pad compatible with CP12A
« Ceramic package with gold plated terminals
« Low cost for volume applications
Option
Codes
GSX-9
Product
Parameters
Product name + option codes + frequency
eg:
GSX-9/551DF 20.0MHz 50/50/10/16-F (standard)
eg:
GSX-9/351FF 16.0MHz 30/50/10/20-F
Option code X (eg GSX-9/X) denotes a custom specification.
Ordering Information
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
Standard Frequencies
Frequencies in MHz
3.579545
3.686400
4.000000
4.194304
4.608000
4.915200
5.000000
6.000000
6.144000
7.372800
8.000000
8.064000
9.600000
9.830400
10.000000
10.240000
11.059200
12.000000
12.288000
14.318180
14.745600
15.360000
16.000000
16.000312
16.384000
18.432000
19.660800
20.000000
20.275200
20.507000
22.118400
24.000000
24.000140
24.576000
25.000000
Specifications
Available on T&R - 1k or 2k pcs per reel.
Refer to our website for T&R and soldering details.
Frequency range: 3.50 ~ 25.0MHz
Calibration tolerance:
±30ppm
3
±50ppm
5
Other values (±30ppm ~ ±100ppm)
specify
Temperature stability:
±30ppm
3
±50ppm
5
±100ppm
C
Other values (±30ppm ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
-40 to +85°C
4
Other values
specify
Operable temperature range:
-45 to +85°C
Storage temperature range:
-55 to +125°C
Circuit condition:
12pF
B
16pF
D
18pF
E
20pF
F
30pF
J
Other values
specify
Oscillation mode:
Fundamental
F
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
200
(3.5 ~ 3.9MHz)
150
(4.0 ~ 5.9MHz)
100
(6.0 ~ 9.9MHz)
80
(10.0 ~ 13.9MHz)
50
(14.0 ~ 25.0MHz)
Ageing:
±5ppm max first year
Drive level:
0.1mW typ
Soldering condition:
240°C, 10 sec x2 max


Similar Part No. - GSX9

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-1 GOLLEDGE-GSX-1 Datasheet
60Kb / 1P
   SM Crystal
GSX-11 GOLLEDGE-GSX-11 Datasheet
61Kb / 1P
   CRYSTAL
GSX-11 GOLLEDGE-GSX-11 Datasheet
555Kb / 4P
   Low Frequency SM Crystal with Low Height
GSX-11 GOLLEDGE-GSX-11_18 Datasheet
555Kb / 4P
   Low Frequency SM Crystal with Low Height
GSX-13 GOLLEDGE-GSX-13 Datasheet
56Kb / 1P
   SM Crystal
More results

Similar Description - GSX9

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
   SM Crystal
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
   SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH Datasheet
122Kb / 1P
   SM Crystal
CC2A GOLLEDGE-CC2A Datasheet
122Kb / 1P
   SM Crystal
CC2A-T1AH GOLLEDGE-CC2A-T1AH Datasheet
121Kb / 1P
   SM Crystal
GSX-211 GOLLEDGE-GSX-211 Datasheet
167Kb / 2P
   SM Crystal
GSX-2 GOLLEDGE-GSX-2 Datasheet
58Kb / 1P
   SM CRYSTAL
GSX-8 GOLLEDGE-GSX-8 Datasheet
53Kb / 1P
   SM CRYSTAL
CC1A-T1AH GOLLEDGE-CC1A-T1AH_18 Datasheet
556Kb / 5P
   SM Crystal
GSX1 GOLLEDGE-GSX1 Datasheet
60Kb / 1P
   SM Crystal
GSX7 GOLLEDGE-GSX7 Datasheet
57Kb / 1P
   SM Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com