Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB860FCT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB860FCT
Description  ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB860FCT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB860FCT Datasheet HTML 1Page - Pan Jit International Inc. SB860FCT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DATE : SEP.19.2002
DATA SHEET
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-
S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
MECHANICAL DATA
Case: ITO-220AB full molded plastic package
Terminals: Lead solderable per MIL-STD-202, Method 208
Polarity: As marked.
Mounting Position: Any
Weight: 0.08 ounces, 2.24grams.
SB820FCT~SB8100FCT
ISOLATION SCHOTTKY BARRIER RECTIFIERS
VOLTAGE 20 to 100 Volts
CURRENT - 8 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at Tc=100°C
Peak Forward Surge Current,
8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 4.0A per element
Maximum DC Reverse Current at Tc=25°C
DC Blocking Voltage per element Tc=100°C
Typical Thermal Resistance Note R
θJA
Operating and Storage Temperature Range
V
V
mA
UNITS
NOTES:
1. Thermal Resistance Junction to Ambient .
V
0.55
0.5
50
ITO-220AB
Unit: inch(mm)
.406(10.3) MAX
.035(.9) MAX
.134(3.4)
.189(4.8)MAX
.1
(2.55)
(2.55)
.1
.118(3.0)
.055(1.4) MAX
.071(1.8) MAX
.130(3.3)MAX
.032(.8)
MAX
AC
AC
Positive CT
.114(2.9)
.098(2.5)
°C
-50 to +125
60
A
150
V
A
°C/W
SB820FCT
20
14
20
8
SB830FCT
30
21
30
SB840FCT
40
28
40
SB850FCT
50
35
50
SB860FCT
60
42
60
SB880FCT
80
56
80
SB8100FCT
100
70
100
0.75
0.85


Similar Part No. - SB860FCT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB860FCT WTE-SB860FCT Datasheet
49Kb / 4P
   8.0A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB860FCT PANJIT-SB860FCT Datasheet
428Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB860FCT PACELEADER-SB860FCT Datasheet
322Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB860FCT PANJIT-SB860FCT Datasheet
92Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB860FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1020F PANJIT-SB1020F Datasheet
44Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB1020FCT PANJIT-SB1020FCT Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB2520FCT PANJIT-SB2520FCT Datasheet
46Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 25.0 Ampere)
SB2020FCT PANJIT-SB2020FCT Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
SB820 PANJIT-SB820 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SB820CT PANJIT-SB820CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SB620F PANJIT-SB620F Datasheet
89Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 60 Volts CURRENT - 6 Ampere)
SB620FCT PANJIT-SB620FCT Datasheet
92Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 60 Volts CURRENT - 6 Ampere)
SD820CT PANJIT-SD820CT Datasheet
39Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SD820YT PANJIT-SD820YT Datasheet
38Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com