Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS800 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MDS800
Description  800 Watts, 50 Volts Pulsed Avionics at 1090 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MDS800 Datasheet(HTML) 1 Page - Advanced Power Technology

  MDS800 Datasheet HTML 1Page - Advanced Power Technology MDS800 Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information
contained herein. Visit our web site at www.advancedpower.com or contact our factory direct.
MDS800
800 Watts, 50 Volts
Pulsed Avionics at 1090 MHz
GENERAL DESCRIPTION
The MDS800 is a high power COMMON BASE bipolar transistor.
It is
designed for pulsed systems at 1090 MHz, with the pulse width and duty
required for MODE-S applications. The device has gold thin-film metalization
and emitter ballasting for proven highest MTTF. The transistor includes input
and output prematch for broadband capability. Low thermal resistance package
reduces junction temperature, extends life.
CASE OUTLINE
55ST-1
(Common Base)
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @ 25
°C1
1458 W
Maximum Voltage and Current
Collector to Base Voltage (BVces)
60 V
Emitter to Base Voltage (BVebo)
3.5 V
Collector Current (Ic)
60 A
Maximum Temperatures
Storage Temperature
-65 to +200
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°°°°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Power Output
F = 1090 MHz
800
W
Pin
Power Input
Vcc = 50 Volts
110
Pg
Power Gain
Burst width = 128µs
8.6
dB
η
c
Collector Efficiency
LTDF = 2%
40
%
RL
Return Loss
-12
dB
Pd
Power Droop
0.5
dB
VSWR
Load Mismatch Tolerance
1
F = 1090 MHz
4.0:1
FUNCTIONAL CHARACTERISTICS @ 25
°°°°C
BVebo
Emitter to Base Breakdown
Ie = 30 mA
3.5
V
BVces
Collector to Emitter Breakdown
Ic = 50 mA
65
V
hFE
DC – Current Gain
Vce = 5V, Ic = 1A
20
θjc1
Thermal Resistance
0.12
°C/W
NOTES:
1. At rated output power and pulse conditions
2. 128 µs burst, 0.5 µs on/0.5 µs off, 6.4 ms period
Rev. B– Dec 2005


Similar Part No. - MDS800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MDS80 STMICROELECTRONICS-MDS80 Datasheet
399Kb / 7P
   DIODE / SCR MODULE
December 2000 - Ed: 4
logo
Naina Semiconductor ltd...
MDS80 NAINA-MDS80 Datasheet
212Kb / 2P
   Three Phase Bridge Rectifier, 80 Amps
logo
STMicroelectronics
MDS80-1200 STMICROELECTRONICS-MDS80-1200 Datasheet
399Kb / 7P
   DIODE / SCR MODULE
December 2000 - Ed: 4
logo
Kersemi Electronic Co.,...
MDS80-1200 KERSEMI-MDS80-1200 Datasheet
648Kb / 7P
   DIODE / SCR MODULE
logo
STMicroelectronics
MDS80-800 STMICROELECTRONICS-MDS80-800 Datasheet
399Kb / 7P
   DIODE / SCR MODULE
December 2000 - Ed: 4
More results

Similar Description - MDS800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
   400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
   150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
   175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
logo
List of Unclassifed Man...
TPR700 ETC1-TPR700 Datasheet
296Kb / 3P
   700 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
GHz Technology
TPR500 GHZTECH-TPR500 Datasheet
272Kb / 3P
   500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
MDS60L MICROSEMI-MDS60L_11 Datasheet
244Kb / 4P
   60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS150 MICROSEMI-MDS150 Datasheet
97Kb / 3P
   150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
TPR400A MICROSEMI-TPR400A Datasheet
149Kb / 4P
   400 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
MDS500L MICROSEMI-MDS500L_08 Datasheet
194Kb / 4P
   500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
10502 MICROSEMI-10502_10 Datasheet
86Kb / 4P
   500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com