Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARF1505 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # ARF1505
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF1505 Datasheet(HTML) 4 Page - Advanced Power Technology

  ARF1505 Datasheet HTML 1Page - Advanced Power Technology ARF1505 Datasheet HTML 2Page - Advanced Power Technology ARF1505 Datasheet HTML 3Page - Advanced Power Technology ARF1505 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RF
Input
L3
L1
Output
C7
C8
C9
C10
L4
C4
C5
C12
C6
ARF1505 -- 27.12 MHz Test Circuit
300V
Vbias
C1
C2
C3
C11
R1
R2
R3
L2
TL1
27 MHz Amp ARF1505
RF 11-04
J1
J2
201
27 MHz Amp ARF1505
R F 11-04
C1, C7, C8, C11 .047mF 500V cerami disc
C2, C12 Arco 465 75-380pF mica trimmer
C3 2x 4700pF ATC 700B
C4, C9-C10 8200pF 500V NPO ceramic
C5 200pF ATC 100E
C6 150pF ATC 700B
L1 90nH 4t # 18 0.25"d .25"I
L2 200nH - 3t # 8 1" dia 1"I
L3 6
µH - 22t # 24 enam 0.5"dia
L4 500nH 2t on 850
µ .5" bead
R1-R3 1K
Ω 1/4W
TL1 .112" x 1" (50
Ω) Stripline


Similar Part No. - ARF1505

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ARF1505 MICROSEMI-ARF1505 Datasheet
147Kb / 4P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - ARF1505

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com