Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIOH175 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CIOH175
Description  INVERTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CIOH175 Datasheet(HTML) 1 Page - Sumida Corporation

  CIOH175 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INVERTER
CIOH175
OUTLINE /
DIMENSIONS (mm)
Product Type
Frequency Range
Max. Open Voltage Max. Lamp Wattage
FEATURES /特徴
APPLICATION用途
最大管電力
品名
適応周波数
最大開放電圧
CIOH175
50kHz~150kHz
1,800Vrms
5.0W
1. Low profile (H:6.1 mm Max)
2. Winding terminals and user terminals are separated to prevent the
wire from breaking.
3. Reflow soldering is permitted.
1. 低背です。
2. 断線対策として、二次側の絡げ端子とユーザー端子を分割。
3. リフローはんだ対応可。
1. Note PC
2. LCD
3. Car navigation system
4. Scanner
5. Copy Machine
1. ノートPC
2. 液晶モニタ
3. カーナビ
4. スキャナー
5. コピー機
外形寸法図
http://www.sumida.com
Rev1.0 09/2004
North America
Tel:(1) 847 545-6700
Fax:(1) 847 545-6720
E-mail: sales@us.sumida.com
Japan
Tel:(81) 03 3667-3302
Fax:(81) 03 3667-3408
Hong Kong
Tel:(852) 2880-6688
Fax:(852) 2565-9600
E-mail: sales@hk.sumida.com
Taiwan
Tel:(886) 2 2726-2177
Fax:(886) 2 2728-2726
E-mail: sales@tw.sumida.com
Singapore
Tel:(65) 6296-3388
Fax:(65) 6296-3390
E-mail: sales@sg.sumida.com
Europe
Tel:(32) 2673-9565
Fax:(32) 2672-0454
E-mail: sales@eu.sumida.com
概要
概要
概要
LAND PATTERNS (mm)
推奨ランド寸法
E-mail: sales@jp.sumida.com
CCFL driving inverter transformer using an OI core which has a multiple
secondary split winding space.
OIコアを使用した多分割構造のCCFL駆動用インバータトランス。
31.4
6.1MAX.
34.6MAX.
31.6
14.8
14.8
3.5
3.5
Slit
Slit
8.5
5.0
8.5
5.0
14.8
14.8
3.5
w/o Secondary tap : 2次側タップなし
w/Secondary tap : 2次側タップあり
3.5
8.5
5.0


Similar Part No. - CIOH175

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CIO-ERB08 ETC-CIO-ERB08 Datasheet
836Kb / 7P
   USB-DIO24, -1024, and -DIO96H Series
October 2018. Rev 4
CIO-ERB24 ETC-CIO-ERB24 Datasheet
836Kb / 7P
   USB-DIO24, -1024, and -DIO96H Series
October 2018. Rev 4
CIO-ERB48 ETC-CIO-ERB48 Datasheet
836Kb / 7P
   USB-DIO24, -1024, and -DIO96H Series
October 2018. Rev 4
CIO-MINI37 ETC-CIO-MINI37 Datasheet
836Kb / 7P
   USB-DIO24, -1024, and -DIO96H Series
October 2018. Rev 4
CIO-MINI37 ETC-CIO-MINI37 Datasheet
862Kb / 5P
   12-bit, 20 MS/s, Simultaneous-Sampling, Ultra High-Speed USB Board
September 2019. Rev 6
More results

Similar Description - CIOH175

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com