Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEP12D38NP-1R0MC Datasheet(PDF) 5 Page - Sumida Corporation

Part # CEP12D38NP-1R0MC
Description  CEP12D38
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP12D38NP-1R0MC Datasheet(HTML) 5 Page - Sumida Corporation

  CEP12D38NP-1R0MC Datasheet HTML 1Page - Sumida Corporation CEP12D38NP-1R0MC Datasheet HTML 2Page - Sumida Corporation CEP12D38NP-1R0MC Datasheet HTML 3Page - Sumida Corporation CEP12D38NP-1R0MC Datasheet HTML 4Page - Sumida Corporation CEP12D38NP-1R0MC Datasheet HTML 5Page - Sumida Corporation CEP12D38NP-1R0MC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPECIFICATION
TYPE
CEP12D38
2-2.ELECTRICAL CHARACTERISTICS Ⅰ (IN THE CASE OF REEL)
THE SATURATION
CURRENT
(A)※3
No.
PART NAME
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(mΩ)
[MAX.]※2
(at 20℃) (at 20℃) (at 100℃)
TEMPERATURE
RISE
(A)
※4
△T=40℃
SUMIDA
CODE
01 CEP12D38NP-
ØR6MC-H
0R6MH
0.6μH±20%
6.0(5.0)
24.4
20.0
11.5
-0024
02 CEP12D38NP-1R1MC-H
1R1MH
1.1μH±20%
7.2(6.0)
18.1
14.6
10.0
-0025
03 CEP12D38NP-1R8MC-H
1R8MH
1.8μH±20%
8.6(7.1)
13.9
11.5
9.5
-0026
04 CEP12D38NP-2R6MC-H
2R6MH
2.6μH±20% 12.1(10.1)
12.2
9.9
8.0
-0027
2-3.ELECTRICAL CHARACTERISTICS Ⅱ (IN THE CASE OF REEL)
THE SATURATION
CURRENT
(A)※3
No.
PART NAME
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(mΩ)
[MAX.]※2
(at 20℃)
(at 20℃) (at 100℃)
TEMPERATURE
RISE
(A)
※4
△T=40℃
SUMIDA
CODE
05
CEP12D38NP-1R
ØMC
1R0M
1.0μH±20%
6.0(5.0)
14.8
12.2
11.5
-0028
06
CEP12D38NP-1R8MC
1R8M
1.8μH±20%
7.2(6.0)
11.0
9.0
10.0
-0029
07
CEP12D38NP-2R8MC
2R8M
2.8μH±20%
8.6(7.1)
8.8
7.4
9.5
-0030
08
CEP12D38NP-4R
ØMC
4R0M
4.0μH±20% 12.1(10.1)
7.2
6.2
8.0
-0031


Similar Part No. - CEP12D38NP-1R0MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP12D38NP-1R0MC SUMIDA-CEP12D38NP-1R0MC Datasheet
173Kb / 4P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com