Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH64NP-471MB Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH64NP-471MB
Description  CDRH64
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH64NP-471MB Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH64NP-471MB Datasheet HTML 1Page - Sumida Corporation CDRH64NP-471MB Datasheet HTML 2Page - Sumida Corporation CDRH64NP-471MB Datasheet HTML 3Page - Sumida Corporation CDRH64NP-471MB Datasheet HTML 4Page - Sumida Corporation CDRH64NP-471MB Datasheet HTML 5Page - Sumida Corporation CDRH64NP-471MB Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPECIFICATION
TYPE
CDRH64
1.APPEARANCE
1-1.DIMENSIONS(mm)
* DIMENSIONS WITHOUT TOLERANCE ARE APPROX.
1-2.STAMP(E.
)
1-3. DIMENSION RECOMMENDED (mm)
2.COIL SPECIFICATION
2-1.CONNECTION (BOTTOM
)
PLEASE COAT WITH SILK SCREEN BETWEEN THE TWO TERMINALS.
ELECTRODE
6.2±0.3
1.5
MAX.5.0
0.1
DIRECTLY STAMP
UNFIXED POSITION
DATE CODE
100
1.9
PART OF SILK SCREEN
DIMENSION OF CDRH64
compliance
Cd:Max.0.01wt%
others:Max.0.1wt%
RoHS
1


Similar Part No. - CDRH64NP-471MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH64B SUMIDA-CDRH64B Datasheet
1Mb / 6P
   CDRH64B
logo
AIT Components Ltd.
CDRH64B AITCOMPONENTS-CDRH64B Datasheet
32Kb / 1P
   CDRH64B SMD POWER INDUCTOR
CDRH64B-100 AITCOMPONENTS-CDRH64B-100 Datasheet
32Kb / 1P
   CDRH64B SMD POWER INDUCTOR
CDRH64B-101 AITCOMPONENTS-CDRH64B-101 Datasheet
32Kb / 1P
   CDRH64B SMD POWER INDUCTOR
CDRH64B-102 AITCOMPONENTS-CDRH64B-102 Datasheet
32Kb / 1P
   CDRH64B SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com