Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M66850J Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M66850J
Description  SRAM TYPE FIFO MEMORY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66850J Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M66850J Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66850J Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66850J Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66850J Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66850J Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66850J Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66850J Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66850J Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66850J Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SRAM TYPE FIFO MEMORY
M66850J/FP, M66851J/FP
M66852J/FP, M66853J/FP
MITSUBISHI <DIGITAL ASSP>
Write Clock to Almost-Full Flag
tREF
tPAF
Read Clock to Empty Flag
25
tCLK
tCLKH
tCLKL
tDS
Clock Cycle Time
ns
ns
ns
ns
SWITCHING CHARACTERISTICS (Ta=0 – 70˚C, Vcc=5V
±10%, GND=0V)
Limits
Min.
Typ.
Max.
Symbol
Unit
Parameter
tAC
15
tWFF
Data Access Time
Write Clock to Full Flag
3
0
3
ns
TIMING CONDITIONS (Ta=0 – 70˚C, Vcc=5V
±10%, GND=0V)
Limits
Min.
Typ.
Max.
Symbol
Unit
Parameter
tDH
tENS
tENH
tRS
tRSS
tRSR
tSKEW1
tSKEW2
Clock Pulse Width HIGH
Clock Pulse Width LOW
Data Setup Time
Data Hold Time
Enable Setup Time
Enable Hold Time
Reset Pulse Width
Reset Setup Time
Skew time between Read Clock and Write Clock for Empty Flag and Full Flag
Skew time between Read Clock and Write Clock for Almost-Empty Flag and Almost-Full
Flag
10
10
6
1
6
1
25
25
25
10
40
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
tPAE
tOE
tOLZ
tOHZ
tRSF
Read Clock to Almost-Empty Flag
Output Enable to Output Valid
Output Enable to Output in Low-Z
Output Enable to Output in High-Z
Reset to Flag and Output Valid time
ns
ns
ns
ns
ns
3
15
15
15
15
13
13
25
Reset Recovery Time
AC TEST CONDITIONS
In Pulse Levels
GND – 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 4
D.U.T.
1.1k
30pF
680
5.0V
Figure 4. Output Load
Including Test board and scope capacitances.
5


Similar Part No. - M66850J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M668 ETC1-M668 Datasheet
133Kb / 2P
   DUAL TONE MELODY XMAS LIGHT CONTROL
logo
MOSDESIGN SEMICONDUCTOR...
M668 MOSDESIGN-M668 Datasheet
135Kb / 2P
   DUAL TONE MELODY XMAS LIGHT CONTROL
2002-06-24
M668P MOSDESIGN-M668P Datasheet
135Kb / 2P
   DUAL TONE MELODY XMAS LIGHT CONTROL
2002-06-24
More results

Similar Description - M66850J

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LF4460 LUXPIA-LF4460 Datasheet
1Mb / 32P
   Video Memory / FIFO
logo
AverLogic Technologies ...
AL460_1.2 AVERLOGIC-AL460_1.2 Datasheet
403Kb / 14P
   Full HD FIFO Memory
AL462 AVERLOGIC-AL462 Datasheet
3Mb / 38P
   Ultra HD FIFO Memory
logo
List of Unclassifed Man...
VT7203 ETC-VT7203 Datasheet
431Kb / 8P
   2,048 X 9 FIFO MEMORY
logo
AverLogic Technologies ...
AL422B AVERLOGIC-AL422B_V01 Datasheet
1Mb / 20P
   3M-Bits FIFO Field Memory
logo
List of Unclassifed Man...
VT7202 ETC-VT7202 Datasheet
431Kb / 8P
   1,024 X 9 FIFO MEMORY
logo
ADL Embedded Solutions
MSMF104 ADL-MSMF104 Datasheet
171Kb / 1P
   Flash/SRAM Memory
logo
List of Unclassifed Man...
HY62256A-I ETC-HY62256A-I Datasheet
795Kb / 14P
   DRAM & SRAM MEMORY
AL422 ETC1-AL422 Datasheet
254Kb / 20P
   AL422 3M-Bits FIFO Field Memory
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com