Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRR94NP-120MC Datasheet(PDF) 5 Page - Sumida Corporation

Part # CDRR94NP-120MC
Description  Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRR94NP-120MC Datasheet(HTML) 5 Page - Sumida Corporation

  CDRR94NP-120MC Datasheet HTML 1Page - Sumida Corporation CDRR94NP-120MC Datasheet HTML 2Page - Sumida Corporation CDRR94NP-120MC Datasheet HTML 3Page - Sumida Corporation CDRR94NP-120MC Datasheet HTML 4Page - Sumida Corporation CDRR94NP-120MC Datasheet HTML 5Page - Sumida Corporation CDRR94NP-120MC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPECIFICATION
TYPE
CDRR94
2-2.ELECTRICAL CHARACTERISTICSⅠ (IN THE CASE OF REEL)
NO.
PART
NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R. (mΩ)
[MAX.]
(at 20℃) ※2
SATURATION
CURRENT
(at 20℃)
(MA)※3
TEMPERATURE
RISE
CURRENT
(A) ※4
△T=40 ℃
SUMIDA
CODE
01
CDRR94NP-1R
ØMC
1R0
1.0μH ± 20%
15.3(12.2)
10.8
5.0
3790-0001
02
CDRR94NP-1R5MC
1R5
1.5μH ± 20%
16.9(13.5)
9.6
4.5
3790-0002
03
CDRR94NP-2R2MC
2R2
2.2μH ± 20%
27.5(22.0)
7.2
3.4
3790-0003
04
CDRR94NP-3R3MC
3R3
3.3μH ± 20%
38.8(31.0)
6.2
2.7
3790-0004
05
CDRR94NP-4R7MC
4R7
4.7μH ± 20%
50.6(40.5)
5.4
2.5
3790-0005
06
CDRR94NP-6R8MC
6R8
6.8μH ± 20%
70.6(56.5)
4.4
2.1
3790-0006
07
CDRR94NP-1
ØØMC
100
10 μH ± 20%
91.3(73.0)
3.0
1.9
3790-0007
08
CDRR94NP-12
ØMC
120
12 μH ± 20%
112.5(90)
3.2
1.6
3790-0008
09
CDRR94NP-15
ØMC
150
15 μH ± 20%
150.0(120)
2.8
1.3
3790-0009
10
CDRR94NP-18
ØMC
180
18 μH ± 20%
182.5(146)
2.6
1.2
3790-0010
11
CDRR94NP-22
ØMC
220
22 μH ± 20%
197.5(158)
2.4
1.1
3790-0011
12
CDRR94NP-27
ØMC
270
27 μH ± 20%
269.0(215)
2.1
0.95
3790-0012
13
CDRR94NP-33
ØMC
330
33 μH ± 20%
298.0(238)
1.9
0.90
3790-0013
14
CDRR94NP-39
ØMC
390
39 μH ± 20%
397.0(317)
1.7
0.75
3790-0014
15
CDRR94NP-47
ØMC
470
47 μH ± 20%
435.0(348)
1.6
0.70
3790-0015
16
CDRR94NP-68
ØMC
680
68 μH ± 20%
670.0(536)
1.3
0.55
3790-0016
17
CDRR94NP-82
ØMC
820
82 μH ± 20%
898.0(718)
1.2
0.45
3790-0017
18
CDRR94NP-1
Ø1MC
101
100μH ± 20%
1063.0(850)
1.0
0.40
3790-0018
※1 MEASURING FREQUENCY
at
100kHz.
※2 D.C.R.(
)TYPICAL
VALUE.
※3 SATURATION CURRENT: THIS INDICATES THE VALUE OF D.C. CURRENT WHEN THE INDUCTANCE
DECREASES TO 10% LOWER
OF IT'S INITIAL VALUE.
※4 TEMPERATURE RISE: THE VALUE OF D.C.CURRENT WHEN THE TEMPERATURE RISE IS △t=40℃(Ta=20℃).


Similar Part No. - CDRR94NP-120MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRR94NP-120MC SUMIDA-CDRR94NP-120MC Datasheet
308Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRR94NP-120MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com