Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH62BNP-221MC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH62BNP-221MC
Description  CDRH62B
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH62BNP-221MC Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH62BNP-221MC Datasheet HTML 1Page - Sumida Corporation CDRH62BNP-221MC Datasheet HTML 2Page - Sumida Corporation CDRH62BNP-221MC Datasheet HTML 3Page - Sumida Corporation CDRH62BNP-221MC Datasheet HTML 4Page - Sumida Corporation CDRH62BNP-221MC Datasheet HTML 5Page - Sumida Corporation CDRH62BNP-221MC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DIMENSION OF CDRH62B
PART OF SILK SCREEN
1.9
SPECIFICATION
TYPE
CDRH62B
1.APPEARANCE
1-1.DIMENSIONS(mm)
* DIMENSIONS WITHOUT TOLERANCE ARE APPROX.
1-2.STAMP (E.G.)
1-3. DIMENSION RECOMMENDED (mm)
2.COIL SPECIFICATION
2-1.CONNECTION (BOTTOM VIEW)
PLEASE COAT WITH SILK SCREEN BETWEEN THE TWO TERMINALS.
DIRECTLY STAMP
UNFIXED POSITION
DATE CODE
2R9
MAX.3.0
0.6
0.1
1.5±0.2
6.2±0.3
ELECTRODE TERMINAL
compliance
Cd:Max.0.01wt%
others:Max.0.1wt%
RoHS
1


Similar Part No. - CDRH62BNP-221MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH62BNP-221MC-B SUMIDA-CDRH62BNP-221MC-B Datasheet
290Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH62BNP-221MC

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CDRH62B AITCOMPONENTS-CDRH62B Datasheet
31Kb / 1P
   CDRH62B SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com