Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM20DUM05 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTM20DUM05
Description  Dual common source MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20DUM05 Datasheet(HTML) 2 Page - Advanced Power Technology

  APTM20DUM05 Datasheet HTML 1Page - Advanced Power Technology APTM20DUM05 Datasheet HTML 2Page - Advanced Power Technology APTM20DUM05 Datasheet HTML 3Page - Advanced Power Technology APTM20DUM05 Datasheet HTML 4Page - Advanced Power Technology APTM20DUM05 Datasheet HTML 5Page - Advanced Power Technology APTM20DUM05 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTM20DUM05
APT website – http://www.advancedpower.com
2 – 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
BVDSS
Drain - Source Breakdown Voltage
VGS = 0V, ID = 500µA
200
V
VGS = 0V,VDS = 200V
Tj = 25°C
200
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 160V
Tj = 125°C
1000
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 158.5A
5
m
W
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 10mA
3
5
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V, VDS = 0V
±200
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
27.4
Coss
Output Capacitance
8.72
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
0.38
nF
Qg
Total gate Charge
448
Qgs
Gate – Source Charge
172
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 100V
ID = 300A
188
nC
Td(on)
Turn-on Delay Time
28
Tr
Rise Time
56
Td(off)
Turn-off Delay Time
81
Tf
Fall Time
Inductive switching @ 125°C
VGS = 15V
VBus = 133V
ID = 300A
RG = 1.2
W
99
ns
Eon
Turn-on Switching Energy
u
1852
Eoff
Turn-off Switching Energy
v
Inductive switching @ 25°C
VGS = 15V, VBus = 133V
ID = 300A, RG = 1.2Ω
1820
µJ
Eon
Turn-on Switching Energy
u
2432
Eoff
Turn-off Switching Energy
v
Inductive switching @ 125°C
VGS = 15V, VBus = 133V
ID = 300A, RG = 1.2Ω
2124
µJ
Source - Drain diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tc = 25°C
317
IS
Continuous Source current
(Body diode)
Tc = 80°C
237
A
VSD
Diode Forward Voltage
VGS = 0V, IS = - 300A
1.3
V
dv/dt
Peak Diode Recovery
w
5
V/ns
trr
Reverse Recovery Time
284
ns
Qrr
Reverse Recovery Charge
IS = -300A, VR = 100V
diS/dt = 400A/µs
12.24
µC
u Eon includes diode reverse recovery.
v In accordance with JEDEC standard JESD24-1.
w dv/dt numbers reflect the limitations of the circuit rather than the device itself.
IS
£ - 300A
di/dt
£ 700A/µs
VR
£ VDSS
Tj
£ 150°C


Similar Part No. - APTM20DUM05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM20DUM05G MICROSEMI-APTM20DUM05G Datasheet
283Kb / 6P
   Dual common source MOSFET Power Module
logo
Advanced Power Technolo...
APTM20DUM05T ADPOW-APTM20DUM05T Datasheet
197Kb / 3P
   Dual common source MOSFET Power Module
More results

Similar Description - APTM20DUM05

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM10DUM02 ADPOW-APTM10DUM02 Datasheet
297Kb / 6P
   Dual Common Source MOSFET Power Module
logo
Microsemi Corporation
APTM10DUM02G MICROSEMI-APTM10DUM02G Datasheet
274Kb / 6P
   Dual Common Source MOSFET Power Module
APTM20DUM05G MICROSEMI-APTM20DUM05G Datasheet
283Kb / 6P
   Dual common source MOSFET Power Module
APTM50DUM19G MICROSEMI-APTM50DUM19G Datasheet
281Kb / 6P
   Dual common source MOSFET Power Module
logo
Advanced Power Technolo...
APTM20DUM10T ADPOW-APTM20DUM10T Datasheet
303Kb / 6P
   Dual common source MOSFET Power Module
APTM120DU29T ADPOW-APTM120DU29T Datasheet
313Kb / 6P
   Dual Common Source MOSFET Power Module
logo
Microsemi Corporation
APTM20DUM04G MICROSEMI-APTM20DUM04G Datasheet
281Kb / 7P
   Dual common source MOSFET Power Module
APTM120DU15G MICROSEMI-APTM120DU15G Datasheet
279Kb / 7P
   Dual common source MOSFET Power Module
APTM50DUM38TG MICROSEMI-APTM50DUM38TG Datasheet
293Kb / 6P
   Dual common source MOSFET Power Module
logo
Advanced Power Technolo...
APTM50DUM35T ADPOW-APTM50DUM35T Datasheet
296Kb / 6P
   Dual common source MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com