Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CDRH104R Datasheet(PDF) 2 Page - Sumida Corporation

Part No. CDRH104R
Description  POWER INDUCTORS (SMD Type)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

CDRH104R Datasheet(HTML) 2 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH104R , CDRH104
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
◆ Land Pattern (mm)
CDRH104
CDRH104R
◆ Specification(CDRH104)
Part Name
Stamp
Inductance
[Within]
1kHz/1V
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Rated
Current
(A) ※2
CDRH1Ø4NP-1ØØM□
CDRH1Ø4NP-12ØM□
100
120
10μH±20%
12μH±20%
50m(37m)
54m(40m)
2.40
2.25
CDRH1Ø4NP-15ØM□
CDRH1Ø4NP-18ØM□
150
180
15μH±20%
18μH±20%
61m(45m)
84m(63m)
2.00
1.80
CDRH1Ø4NP-22ØM□
CDRH1Ø4NP-27ØM□
220
270
22μH±20%
27μH±20%
94m(69m)
0.11(82m)
1.65
1.45
CDRH1Ø4NP-33ØM□
CDRH1Ø4NP-39ØM□
330
390
33μH±20%
39μH±20%
0.15(0.11)
0.17(0.13)
1.35
1.20
CDRH1Ø4NP-47ØM□
CDRH1Ø4NP-56ØM□
470
560
47μH±20%
56μH±20%
0.21(0.15)
0.23(0.17)
1.10
1.00
CDRH1Ø4NP-68ØM□
CDRH1Ø4NP-82ØM□
680
820
68μH±20%
82μH±20%
0.26(0.20)
0.36(0.27)
0.93
0.84
CDRH1Ø4NP-1Ø1M□
CDRH1Ø4NP-121M□
101
121
100μH±20%
120μH±20%
0.41(0.30)
0.45(0.34)
0.76
0.70
CDRH1Ø4NP-151M□
CDRH1Ø4NP-181M□
151
181
150μH±20%
180μH±20%
0.64(0.47)
0.84(0.62)
0.63
0.57
CDRH1Ø4NP-221M□
CDRH1Ø4NP-271M□
221
271
220μH±20%
270μH±20%
0.96(0.71)
1.07(0.79)
0.52
0.47
CDRH1Ø4NP-331M□
CDRH1Ø4NP-391M□
331
391
330μH±20%
390μH±20%
1.37(1.05)
1.55(1.19)
0.43
0.39
CDRH1Ø4NP-471M□
471
470μH±20%
1.74(1.34)
0.36
※ Rated current: The DC current at which the inductance decreases to 75% of it's nominal value
or when △t=40℃, whichever is lower(Ta=20℃).
Dimension of CDRH104
Part of silk screen
2.4
3.2


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ASPI-104SLOW PROFILE SHIELDED SMD POWER INDUCTORS 1 Abracon Corporation
8409-XXSMD Power Inductors and Transformers 1 Filtran LTD
SDR0302SMD Power Inductors 1 2 Bourns Electronic Solutions
8417-XXSMD Power Inductors and Transformers 1 Filtran LTD
ASPI-0428SSMD SHIELDED POWER INDUCTORS 1 Abracon Corporation
ASPI-0706HCSMD POWER INDUCTORS 1 Abracon Corporation
C8-HPower Inductors 1 2 3 4 5 MoreMitsumi Electronics, Corp.
AICT-LPPOWER INDUCTORS 1 Abracon Corporation
ASPI-5612-XXXSMT POWER INDUCTORS 1 Abracon Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn