Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH62NP-18OMC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH62NP-18OMC
Description  CDRH62
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH62NP-18OMC Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH62NP-18OMC Datasheet HTML 1Page - Sumida Corporation CDRH62NP-18OMC Datasheet HTML 2Page - Sumida Corporation CDRH62NP-18OMC Datasheet HTML 3Page - Sumida Corporation CDRH62NP-18OMC Datasheet HTML 4Page - Sumida Corporation CDRH62NP-18OMC Datasheet HTML 5Page - Sumida Corporation CDRH62NP-18OMC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.9
シルク処理部
CDRH62の外形図とする。
仕 様 書
CDRH62
1.外形
1-1.寸法図(mm)
* 公差のない寸法は、参考値とする。
1-2.捺印表示例
1-3. 推奨ランド寸法(mm)
2.コイル仕様
2-1.端子接続図(裏面図)
電極(端子)間の隙間はシルク処理をして御使用下さい。
電極部
6.2±0.3
1.5
MAX.3.0
0.1
頭部直捺印
捺印位置不定
製造密番
6R8
compliance
Cd:Max.0.01wt%
others:Max.0.1wt%
RoHS
1


Similar Part No. - CDRH62NP-18OMC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
CDRH62-470 LINER-CDRH62-470 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
logo
Sumida Corporation
CDRH62B SUMIDA-CDRH62B Datasheet
205Kb / 6P
   CDRH62B
logo
AIT Components Ltd.
CDRH62B AITCOMPONENTS-CDRH62B Datasheet
31Kb / 1P
   CDRH62B SMD POWER INDUCTOR
CDRH62B-100 AITCOMPONENTS-CDRH62B-100 Datasheet
31Kb / 1P
   CDRH62B SMD POWER INDUCTOR
CDRH62B-101 AITCOMPONENTS-CDRH62B-101 Datasheet
31Kb / 1P
   CDRH62B SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com