Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH73 Datasheet(PDF) 6 Page - Sumida Corporation

Part # CDRH73
Description  CDRH73
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH73 Datasheet(HTML) 6 Page - Sumida Corporation

  CDRH73 Datasheet HTML 1Page - Sumida Corporation CDRH73 Datasheet HTML 2Page - Sumida Corporation CDRH73 Datasheet HTML 3Page - Sumida Corporation CDRH73 Datasheet HTML 4Page - Sumida Corporation CDRH73 Datasheet HTML 5Page - Sumida Corporation CDRH73 Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPECIFICATION
2-3.ELECTRICAL CHARACTERISTICS
Ⅱ(IN THE CASE OF BOX)
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(Ω)[MAX.]
(at 20℃)
※2
RATED
CURRENT
(A)
※3
SUMIDA
CODE
26
27
CDRH73NP-1
ØØMB
CDRH73NP-12
ØMB
100
120
10μH ± 20%
12μH ± 20%
72m (55m)
98m (75m)
1.68
1.52
4733-0181
4733-0182
28
29
CDRH73NP-15
ØMB
CDRH73NP-18
ØMB
150
180
15μH ± 20%
18μH ± 20%
0.13 (96m)
0.14 (0.11)
1.33
1.20
4733-0183
4733-0185
30
31
CDRH73NP-22
ØMB
CDRH73NP-27
ØMB
220
270
22μH ± 20%
27μH ± 20%
0.19 (0.15)
0.21 (0.16)
1.07
0.96
4733-0186
4733-0187
32
33
CDRH73NP-33
ØMB
CDRH73NP-39
ØMB
330
390
33μH ± 20%
39μH ± 20%
0.24 (0.18)
0.32 (0.25)
0.91
0.77
4733-0188
4733-0189
34
35
CDRH73NP-47
ØMB
CDRH73NP-56
ØMB
470
560
47μH ± 20%
56μH ± 20%
0.36 (0.28)
0.47 (0.36)
0.76
0.68
4733-0190
4733-0191
36
37
CDRH73NP-68
ØMB
CDRH73NP-82
ØMB
680
820
68μH ± 20%
82μH ± 20%
0.52 (0.40)
0.69 (0.53)
0.61
0.57
4733-0192
4733-0193
38
39
CDRH73NP-1
Ø1MB
CDRH73NP-121MB
101
121
100μH ± 20%
120μH ± 20%
0.79 (0.61)
0.89 (0.69)
0.50
0.49
4733-0194
4733-0196
40
41
CDRH73NP-151MB
CDRH73NP-181MB
151
181
150μH ± 20%
180μH ± 20%
1.27 (1.02)
1.45 (1.16)
0.43
0.39
4733-0197
4733-0198
42
43
CDRH73NP-221MB
CDRH73NP-271MB
221
271
220μH ± 20%
270μH ± 20%
1.65 (1.32)
2.31 (1.85)
0.35
0.32
4733-0199
4733-0200
44
45
CDRH73NP-331MB
CDRH73NP-391MB
331
391
330μH ± 20%
390μH ± 20%
2.62 (2.10)
2.94 (2.35)
0.28
0.26
4733-0201
4733-0202
46
47
CDRH73NP-471MB
CDRH73NP-561MB
471
561
470μH ± 20%
560μH ± 20%
4.18 (3.35)
4.67 (3.73)
0.24
0.22
4733-0203
4733-0204
48
49
CDRH73NP-681MB
CDRH73NP-821MB
681
821
680μH ± 20%
820μH ± 20%
5.73 (4.58)
6.54 (5.23)
0.19
0.18
4733-0205
4733-0207
50
CDRH73NP-1
Ø2MB
102
1.0 mH ± 20%
9.44 (7.55)
0.16
4733-0208
※1: MEASURED FREQUENCY
at
1 kHz
※2:(
)TYPICAL VALUE.
※3: THIS INDICATES THE VALUE OF CURRENT WHEN THE INDUCTANCE IS 25% LOWER THAN ITS NOMINAL VALUE
AT D.C. SUPERPOSITION OR D.C. CURRENT WHEN ΔT=40℃ WHICHEVER IS LOWER.(Ta=20℃)
3.STORAGE TEMPERATURE RANGE
: −40℃ ∼ +100℃
OPERATING TEMPERATURE RANGE: −40℃ ∼ +100℃ (INCLUDING SELF TEMPERATURE RISE)
TYPE
CDRH73


Similar Part No. - CDRH73

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
CDRH73 ECM-CDRH73 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH73 AITCOMPONENTS-CDRH73 Datasheet
34Kb / 1P
   CDRH73 SMD POWER INDUCTOR
logo
ECM Electronics Limited...
CDRH73-100 ECM-CDRH73-100 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH73-100 AITCOMPONENTS-CDRH73-100 Datasheet
34Kb / 1P
   CDRH73 SMD POWER INDUCTOR
logo
Linear Technology
CDRH73-100 LINER-CDRH73-100 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
More results

Similar Description - CDRH73

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CDRH73 AITCOMPONENTS-CDRH73 Datasheet
34Kb / 1P
   CDRH73 SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com