Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDR1O5BNP-121KB Datasheet(PDF) 2 Page - Sumida Corporation

Part No. CDR1O5BNP-121KB
Description  CDR105B
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

CDR1O5BNP-121KB Datasheet(HTML) 2 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
仕 様 書
CDR105B
2-2.電気的特性
No.
表示
インダクタンス
[以内]
※1
D.C.R.(Ω)
[以下]
(at 20℃)
定格電流
(A)
※2
S.R.F.
(MHz)
[参考値]
スミダ
コード
01
CDR1Ø5BNP-1ØØMC
-0093
02
CDR1Ø5BNP-1ØØMB
100
10μH ± 20%
0.06
2.06
29.1
-0094
03
CDR1Ø5BNP-12ØMC
-0095
04
CDR1Ø5BNP-12ØMB
120
12μH ± 20%
0.07
1.94
26.5
-0096
05
CDR1Ø5BNP-15ØMC
-0097
06
CDR1Ø5BNP-15ØMB
150
15μH ± 20%
0.07
1.72
24.2
-0098
07
CDR1Ø5BNP-18ØMC
-0101
08
CDR1Ø5BNP-18ØMB
180
18μH ± 20%
0.08
1.58
21.8
-0102
09
CDR1Ø5BNP-22ØMC
-0103
10
CDR1Ø5BNP-22ØMB
220
22μH ± 20%
0.08
1.42
18.8
-0104
11
CDR1Ø5BNP-27ØMC
-0105
12
CDR1Ø5BNP-27ØMB
270
27μH ± 20%
0.10
1.32
17.1
-0106
13
CDR1Ø5BNP-33ØLC
-0107
14
CDR1Ø5BNP-33ØLB
330
33μH ± 15%
0.11
1.16
14.2
-0108
15
CDR1Ø5BNP-39ØLC
-0109
16
CDR1Ø5BNP-39ØLB
390
39μH ± 15%
0.12
1.10
14.1
-0110
17
CDR1Ø5BNP-47ØLC
-0112
18
CDR1Ø5BNP-47ØLB
470
47μH ± 15%
0.14
1.00
11.5
-0113
19
CDR1Ø5BNP-56ØLC
-0114
20
CDR1Ø5BNP-56ØLB
560
56μH ± 15%
0.19
0.93
11.1
-0115
21
CDR1Ø5BNP-68ØLC
-0116
22
CDR1Ø5BNP-68ØLB
680
68μH ± 15%
0.21
0.85
10.2
-0117
23
CDR1Ø5BNP-82ØLC
-0118
24
CDR1Ø5BNP-82ØLB
820
82μH ± 15%
0.28
0.79
9.2
-0119


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn