Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDR1O5BNP-1O1KC Datasheet(PDF) 3 Page - Sumida Corporation

Part No. CDR1O5BNP-1O1KC
Description  CDR105B
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

CDR1O5BNP-1O1KC Datasheet(HTML) 3 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
仕 様 書
CDR105B
No.
表示
インダクタンス
[以内]
※1
D.C.R.(Ω)
[以下]
(at 20℃)
定格電流
(A)
※2
S.R.F.
(MHz)
[参考値]
スミダ
コード
25
CDR1Ø5BNP-1Ø1KC
-0120
26
CDR1Ø5BNP-1Ø1KB
101
100μH ± 10%
0.34
0.72
8.1
-0121
27
CDR1Ø5BNP-121KC
-0123
28
CDR1Ø5BNP-121KB
121
120μH ± 10%
0.37
0.63
7.3
-0124
29
CDR1Ø5BNP-151KC
-0125
30
CDR1Ø5BNP-151KB
151
150μH ± 10%
0.51
0.55
6.2
-0126
31
CDR1Ø5BNP-181KC
-0127
32
CDR1Ø5BNP-181KB
181
180μH ± 10%
0.57
0.50
5.6
-0128
33
CDR1Ø5BNP-221KC
-0129
34
CDR1Ø5BNP-221KB
221
220μH ± 10%
0.78
0.47
5.4
-0130
35
CDR1Ø5BNP-271KC
-0131
36
CDR1Ø5BNP-271KB
271
270μH ± 10%
0.87
0.41
5.0
-0132
37
CDR1Ø5BNP-331KC
-0134
38
CDR1Ø5BNP-331KB
331
330μH ± 10%
1.20
0.37
4.2
-0135
39
CDR1Ø5BNP-391KC
-0136
40
CDR1Ø5BNP-391KB
391
390μH ± 10%
1.34
0.35
3.8
-0137
41
CDR1Ø5BNP-471KC
-0138
42
CDR1Ø5BNP-471KB
471
470μH ± 10%
1.50
0.33
3.5
-0139
* 品名表示の区分
(1) リール梱包の場合: CDR1Ø5BNP-XXXXC
(2) 箱梱包の場合: CDR1Ø5BNP-XXXXB
※1:測定周波数
10μH ∼ 82μH
at 2.52 MHz
100μH ∼ 470μH ;
at
1 kHz
※2:定格電流は直流重畳特性に於て、インダクタンスが初期値より−10%となる電流、もしくは直流電流を
流した時のコイルの発熱が△t=40℃となる電流値の少ない方の値。(Ta=20℃を基準とする。)
3.保存温度範囲   −40℃ ∼ +100℃   
       
使用温度範囲   −40℃ ∼ +100℃(コイルの発熱を含む。)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn