Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDPH73NP-271NB Datasheet(PDF) 5 Page - Sumida Corporation

Part # CDPH73NP-271NB
Description  CDPH73
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPH73NP-271NB Datasheet(HTML) 5 Page - Sumida Corporation

  CDPH73NP-271NB Datasheet HTML 1Page - Sumida Corporation CDPH73NP-271NB Datasheet HTML 2Page - Sumida Corporation CDPH73NP-271NB Datasheet HTML 3Page - Sumida Corporation CDPH73NP-271NB Datasheet HTML 4Page - Sumida Corporation CDPH73NP-271NB Datasheet HTML 5Page - Sumida Corporation CDPH73NP-271NB Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPECIFICATION
TYPE
CDPH73
2-2.ELECTRICAL CHARACTERISTICSⅠ(IN THE CASE OF REEL)
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(Ω)[MAX.]
(at 20℃)
(TYPICAL VALUE)
RATED
CURRENT
(A)
※2
SUMIDA
CODE
+25
01
CDPH73NP-1ØØNC
100
10μH
−20%
0.09(0.070)
1.40
-0018
+25
02
CDPH73NP-12ØNC
120
12μH
−20%
0.10(0.080)
1.30
-0020
+25
03
CDPH73NP-15ØNC
150
15μH
−20%
0.13 (0.10)
1.20
-0022
+25
04
CDPH73NP-18ØNC
180
18μH
−20%
0.15 (0.11)
1.10
-0023
+25
05
CDPH73NP-22ØNC
220
22μH
−20%
0.17 (0.13)
1.00
-0024
+25
06
CDPH73NP-27ØNC
270
27μH
−20%
0.21 (0.16)
0.88
-0025
+25
07
CDPH73NP-33ØNC
330
33μH
−20%
0.24 (0.18)
0.80
-0026
+25
08
CDPH73NP-39ØNC
390
39μH
−20%
0.31 (0.24)
0.75
-0027
+25
09
CDPH73NP-47ØNC
470
47μH
−20%
0.35 (0.27)
0.67
-0028
+25
10
CDPH73NP-56ØNC
560
56μH
−20%
0.40 (0.30)
0.62
-0029
+25
11
CDPH73NP-68ØNC
680
68μH
−20%
0.52 (0.40)
0.54
-0030
+25
12
CDPH73NP-82ØNC
820
82μH
−20%
0.60 (0.45)
0.52
-0031
+25
13
CDPH73NP-1Ø1NC
101
100μH
−20%
0.70 (0.55)
0.46
-0033
+25
14
CDPH73NP-121NC
121
120μH
−20%
0.82 (0.63)
0.42
-0034
+25
15
CDPH73NP-151NC
151
150μH
−20%
1.35 (1.05)
0.37
-0035
+25
16
CDPH73NP-181NC
181
180μH
−20%
1.50 (1.15)
0.33
-0036
+25
17
CDPH73NP-221NC
221
220μH
−20%
1.70 (1.30)
0.30
-0037
+25
18
CDPH73NP-271NC
271
270μH
−20%
1.90 (1.50)
0.28
-0038
+25
19
CDPH73NP-331NC
331
330μH
−20%
2.80 (2.14)
0.25
-0039
+25
20
CDPH73NP-391NC
391
390μH
−20%
3.00 (2.30)
0.22
-0040
+25
21
CDPH73NP-471NC
471
470μH
−20%
3.50 (2.70)
0.20
-0041


Similar Part No. - CDPH73NP-271NB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDPH73NP-271NC SUMIDA-CDPH73NP-271NC Datasheet
249Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com