Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDEPI106 Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDEPI106
Description  CDEPI106
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEPI106 Datasheet(HTML) 4 Page - Sumida Corporation

  CDEPI106 Datasheet HTML 1Page - Sumida Corporation CDEPI106 Datasheet HTML 2Page - Sumida Corporation CDEPI106 Datasheet HTML 3Page - Sumida Corporation CDEPI106 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPECIFICATION
TYPE
CDEPI106
2-2.ELECTRICAL CHARACTERISTICS
INDUCTANCE
[WITHIN]
※1
D.C.R.
(mΩ) [MAX.]
(at 20℃)※2
THE SATURATION
CURRENT (A)
No.
PART NAME
STAMP
BETWEEN 1-2 BETWEEN 4-3 BETWEEN 1-2
BETWEEN
4-3
(at20℃)
※3
(at 105℃)
※4
HEATING
CURRENT
(A)
※5
SUMIDA
CODE
01
CDEPI1Ø6NP−1ØØ
100
10μH±25% 10
μH±25% 28.8(23.0)
28.8(23.0)
4.9
4.5
4.0
-0001
02
CDEPI1Ø6NP−15Ø
150
15
μH±25% 15μH±25% 28.8(23.0)
28.8(23.0)
3.5
3.0
4.0
-0003
03
CDEPI1Ø6NP−22Ø
220
22
μH±30% 22μH±30% 28.8(23.0)
28.8(23.0)
2.2
1.9
4.0
-0004
※1 MEASURED AT FREQUENCY OF 100kHz 1V
※2 (
) IS TYPICAL VALUE.
※3 THE SATURATION CURRENT:THIS INDUCTANCE THE VALUE OF CURRENT WHEN THE INDUCTANCE IS OVER
75% OF THE NOMINAL VALUE. (Ta=20℃).
※4 THE SATURATION CURRENT:THIS INDUCTANCE THE VALUE OF CURRENT WHEN THE INDUCTANCE IS OVER
75% OF THE NOMINAL VALUE. (Ta=105℃).
※5 HEATING CURRENT:THE VALUE OF D.C. CURRENT WHEN THE TEMPERATURE RISE IS △T=40℃(Ta=20℃).
3.STORAGE TEMPERATURE RANGE
: −40℃∼+105℃
OPERATING TEMPERATURE RANGE : −40℃∼+105℃( COIL CONTAIN HEAT )


Similar Part No. - CDEPI106

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEPI106NP-100 SUMIDA-CDEPI106NP-100 Datasheet
135Kb / 2P
   SMD Power Inductor
CDEPI106NP-150 SUMIDA-CDEPI106NP-150 Datasheet
135Kb / 2P
   SMD Power Inductor
CDEPI106NP-220 SUMIDA-CDEPI106NP-220 Datasheet
135Kb / 2P
   SMD Power Inductor
CDEPI106 SUMIDA-CDEPI106_13 Datasheet
135Kb / 2P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com