Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20010HS Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # 20010HS
Description  2.00mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

20010HS Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  20010HS Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.00mm (0.079")PITCHCONNECTOR
I/NO
TITLE
DESCRIPTION
MATERIAL
1
PA66, UL 94V Grade
20010HS
HOUSING
PARTS NO.
A
C
B
Material
20010HS Series
Wire-to-Board
Housing
ITEM
SPEC
Contact Resistance
Current Rating
Operating Temperature
Voltage Rating
AC/DC 250V
30mΩ MAX
Withstanding Voltage
AC1000V/1min
Insulation Resistance
1000MΩ MIN
Applicable P.C.B
-
Applicable Wire
AWG #24~#30
Applicable FPC/FFC
-
-
Solder Height
Crimp Tensile Strength
-
UL FILE NO
-
AC/DC 2A
-25℃~+85℃
Specification
Available Pin
7.6
5.6
11.6
9.6
13.6
15.6
19.6
23.6
21.6
27.6
31.6
29.6
25.6
18.0
20010HS-12000
20010HS-13000
20010HS-14000
20010HS-15000
20010HS-11000
20010HS-08000
20010HS-09000
20010HS-10000
20010HS-07000
20010HS-04000
20010HS-05000
20010HS-06000
20010HS-02000
20010HS-03000
14.0
16.5
22.0
24.5
24.0
28.0
26.0
28.5
30.5
26.5
16.0
20.0
18.0
20.5
22.5
18.5
8.0
6.0
12.0
10.0
12.5
14.5
10.5
8.5
2.0
4.0
4.5
6.5
Application Terminal : 20010TS (70 page)
AWG : #24 ~ #30
TERMINAL ASSEMBLY
2.0(PITCH)
C
A
B
3.45
4.0
4.5


Similar Part No. - 20010HS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20010 ETC2-20010 Datasheet
129Kb / 1P
   Wiha Quality Tools
logo
Advantech Co., Ltd.
2001022001 ADVANTECH-2001022001 Datasheet
967Kb / 2P
   Compact Industrial Computer System with 6th/7th Gen Intel® Core™ i CPU Socket (LGA 1151)
8-Nov-2021
2001022010 ADVANTECH-2001022010 Datasheet
926Kb / 2P
   Compact Industrial Computer System with 10th Gen Intel® Core™ i CPU Socket (LGA 1200)
29-Sep-2022
2001024200 ADVANTECH-2001024200 Datasheet
892Kb / 2P
   Compact size IPC with 10th Gen Intel® Core™ i CPU Socket (LGA 1200) and 250W ATX PSU
9-Nov-2021
2001026000 ADVANTECH-2001026000 Datasheet
845Kb / 2P
   Intel® Atom® C3000 Mini-ITX Server Board with 4 DDR4, 1 PCIe x4, 8 SATA3, 4 USB 3.0, Dual 10GbE, IPMI
11-Mar-2019
More results

Similar Description - 20010HS

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
20039WS YEONHO-20039WS Datasheet
263Kb / 1P
   2.00mm PITCH CONNECTOR
YVAW200 YEONHO-YVAW200 Datasheet
137Kb / 1P
   2.00mm PITCH CONNECTOR
YCH200 YEONHO-YCH200 Datasheet
360Kb / 1P
   2.00mm PITCH CONNECTOR
20015HS-NNL YEONHO-20015HS-NNL Datasheet
158Kb / 1P
   2.00mm PITCH CONNECTOR
BMW200 YEONHO-BMW200 Datasheet
237Kb / 1P
   2.00mm PITCH CONNECTOR
SMAW200A YEONHO-SMAW200A Datasheet
288Kb / 1P
   2.00mm PITCH CONNECTOR
YDH200 YEONHO-YDH200 Datasheet
215Kb / 1P
   2.00mm PITCH CONNECTOR
20032WR YEONHO-20032WR Datasheet
224Kb / 1P
   2.00mm PITCH CONNECTOR
20037WR YEONHO-20037WR Datasheet
276Kb / 1P
   2.00mm PITCH CONNECTOR
20039WR YEONHO-20039WR Datasheet
261Kb / 1P
   2.00mm PITCH CONNECTOR
20045HS YEONHO-20045HS Datasheet
196Kb / 1P
   2.00mm PITCH CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com