Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDEP145-1R8MC-H Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEP145-1R8MC-H
Description  POWER INDUCTORS Type>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP145-1R8MC-H Datasheet(HTML) 1 Page - Sumida Corporation

  CDEP145-1R8MC-H Datasheet HTML 1Page - Sumida Corporation CDEP145-1R8MC-H Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER INDUCTORS
<SMD Type>
OUTLINE
By using the square wire, power inductors can be used for large currents with low profile and low resistance.
SHIELDED TYPE
BOTTOM VIEW
DIMENSIONS (mm)
CONSTRUCTION
LAND PATTERNS (mm)
CONNECTION
CDEP145
( 0.56
µH - 6.1µH )
BOTTOM VIEW
DIMENSIONS (mm)
CONSTRUCTION
LAND PATTERNS (mm)
CONNECTION
CDEP134
( 0.3
µH - 8.0µH )
POWER INDUCTORS
<SMD Type>
CDEP Series
NEW
2
1
3
9.6
4.9MAX.
13.9MAX.
15.0
9.4
14.9MAX.
6.0MAX.
10.2
2
1
3
15.5
10.2
/ 概要
/ 閉磁路タイプ
平角線を使用する事により、薄形・低抵抗で大電流対応を実現しました。
/ 裏面図
外形寸法図
磁気構造図
推奨ランド寸法
端子接続
/ 裏面図
外形寸法図
磁気構造図
推奨ランド寸法
端子接続


Similar Part No. - CDEP145-1R8MC-H

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP145 SUMIDA-CDEP145 Datasheet
143Kb / 2P
   POWER INDUCTORS
CDEP145NP-0R5M SUMIDA-CDEP145NP-0R5M Datasheet
143Kb / 2P
   POWER INDUCTORS
CDEP145NP-0R5MC-140 SUMIDA-CDEP145NP-0R5MC-140 Datasheet
88Kb / 4P
   SMD Power Inductor
CDEP145NP-0R6M SUMIDA-CDEP145NP-0R6M Datasheet
143Kb / 2P
   POWER INDUCTORS
CDEP145NP-0R6MC-170 SUMIDA-CDEP145NP-0R6MC-170 Datasheet
88Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDEP145-1R8MC-H

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH8D38 SUMIDA-CDRH8D38 Datasheet
235Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH104R SUMIDA-CDRH104R Datasheet
236Kb / 3P
   POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
   POWER INDUCTORS (SMD Type)
CLS4D09 SUMIDA-CLS4D09 Datasheet
240Kb / 1P
   POWER INDUCTORS (SMD Type)
CMD5D11 SUMIDA-CMD5D11 Datasheet
117Kb / 2P
   POWER INDUCTORS
CR10D37 SUMIDA-CR10D37 Datasheet
113Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com