Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTGT150SK170D3 Datasheet(PDF) 2 Page - Advanced Power Technology

Part No. APTGT150SK170D3
Description  Buck chopper Trench IGBT Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

APTGT150SK170D3 Datasheet(HTML) 2 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APTGT150SK170D3
APT website – http://www.advancedpower.com
2 - 3
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
BVCES
Collector - Emitter Breakdown Voltage
VGE = 0V, IC = 6mA
1700
V
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1700V
10
mA
Tj = 25°C
2.0
2.4
VCE(on) Collector Emitter on Voltage
VGE = 15V
IC = 150A
Tj = 125°C
2.4
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 6mA
5.2
5.8
6.4
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
800
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
Cies
Input Capacitance
12
Cres
Reverse Transfer Capacitance
VGE = 0V, VCE = 25V
f = 1MHz
0.45
nF
Td(on)
Turn-on Delay Time
200
Tr
Rise Time
100
Td(off)
Turn-off Delay Time
750
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 900V
IC = 150A
RG = 9.1Ω
100
ns
Td(on)
Turn-on Delay Time
230
Tr
Rise Time
100
Td(off)
Turn-off Delay Time
900
Tf
Fall Time
200
ns
Eoff
Turn Off Energy
Inductive Switching (125°C)
VGE = ±15V
VBus = 900V
IC = 150A
RG = 9.1Ω
50
mJ
Reverse diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
Tj = 25°C
1.8
2.2
VF
Diode Forward Voltage
IF = 150A
VGE = 0V
Tj = 125°C
1.9
V
Tj = 25°C
20
Er
Reverse Recovery Energy
IF = 150A
VR = 900V
di/dt =990A/µs Tj = 125°C
35
mJ
Tj = 25°C
40
Qrr
Reverse Recovery Charge
IF = 150A
VR = 900V
di/dt =990A/µs Tj = 125°C
65
µC
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max Unit
IGBT
0.12
RthJC
Junction to Case
Diode
0.21
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min,
I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
125
°C
For terminals
M6
3
5
Torque Mounting torque
To Heatsink
M6
3
5
N.m
Wt
Package Weight
380
g


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn