Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT75X120BTP3 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTGT75X120BTP3
Description  Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT75X120BTP3 Datasheet(HTML) 2 Page - Advanced Power Technology

  APTGT75X120BTP3 Datasheet HTML 1Page - Advanced Power Technology APTGT75X120BTP3 Datasheet HTML 2Page - Advanced Power Technology APTGT75X120BTP3 Datasheet HTML 3Page - Advanced Power Technology APTGT75X120BTP3 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APTGT75X120RTP3
APTGT75X120BTP3
APT website – http://www.advancedpower.com
2 - 4
IGBT & Diode Brake (only for APTGT75X120BTP3) Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
TC = 25°C
60
IC
Continuous Collector Current
TC = 80°C
50
ICM
Pulsed Collector Current
TC = 25°C
100
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC = 25°C
200
W
IF
DC Forward Current
TC = 80°C
25
A
IGBT & Diode Inverter Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
TC = 25°C
105
IC
Continuous Collector Current
TC = 80°C
75
ICM
Pulsed Collector Current
TC = 25°C
150
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC = 25°C
350
W
RBSOA Reverse Bias Save Operating Area
Tj = 125°C
150A @ 1100V
IF
DC Forward Current
TC = 80°C
75
IFRM
Repetitive Peak Forward Current
tp = 1ms
150
A
2. Electrical Characteristics
Diodes Rectifier Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
IR
Reverse Current
VR = 1600V
Tj = 150°C
3
mA
VF
Forward Voltage
IF = 75A
Tj = 150°C
1.2
V
RthJC
Junction to Case
0.65
°C/W
IGBT Brake & Diode (only for APTGT75X120BTP3) Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1200V
400
µA
Tj = 25°C
1.4
1.7
2.1
VCE(on) Collector Emitter on Voltage
VGE = 15V
IC = 50A
Tj = 125°C
2.0
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 2mA
5.0
5.8
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
600
nA
Cies
Input Capacitance
3600
Coes
Output Capacitance
188
Cres
Reverse Transfer Capacitance
VGE = 0V,
VCE = 25V
f = 1MHz
163
pF
Tj = 25°C
1.6
VF
Forward Voltage
VGE = 0V
IF = 25A
Tj = 125°C
1.8
V
IGBT
0.6
RthJC
Junction to Case
Diode
1.2
°C/W


Similar Part No. - APTGT75X120BTP3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT75X120E3 ADPOW-APTGT75X120E3 Datasheet
229Kb / 3P
   3 Phase bridge Trench IGBT Power Module
APTGT75X120TE3 ADPOW-APTGT75X120TE3 Datasheet
236Kb / 3P
   3 Phase bridge Trench IGBT Power Module
More results

Similar Description - APTGT75X120BTP3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT35X120BTP3 ADPOW-APTGT35X120BTP3 Datasheet
273Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
APTGT50X120BTP3 ADPOW-APTGT50X120BTP3 Datasheet
273Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
APTGT50X170BTP3 ADPOW-APTGT50X170BTP3 Datasheet
273Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
APTGF20X60BTP2 ADPOW-APTGF20X60BTP2 Datasheet
241Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF15X60RTP2 MICROSEMI-APTGF15X60RTP2 Datasheet
245Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGS15X120BTP2 ADPOW-APTGS15X120BTP2 Datasheet
242Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGS10X120BTP2 ADPOW-APTGS10X120BTP2 Datasheet
241Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGF10X60BTP2 ADPOW-APTGF10X60BTP2 Datasheet
241Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGF15X60BTP2 ADPOW-APTGF15X60BTP2 Datasheet
241Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGF50X60BTP3 ADPOW-APTGF50X60BTP3 Datasheet
254Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com