Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD105NP-150MB Datasheet(PDF) 3 Page - Sumida Corporation

Part # CD105NP-150MB
Description  CD105
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD105NP-150MB Datasheet(HTML) 3 Page - Sumida Corporation

  CD105NP-150MB Datasheet HTML 1Page - Sumida Corporation CD105NP-150MB Datasheet HTML 2Page - Sumida Corporation CD105NP-150MB Datasheet HTML 3Page - Sumida Corporation CD105NP-150MB Datasheet HTML 4Page - Sumida Corporation CD105NP-150MB Datasheet HTML 5Page - Sumida Corporation CD105NP-150MB Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
仕 様 書
CD105
2-3.電気的特性Ⅱ(箱梱包の場合)
No.
表示
インダクタンス
[以内]
※1
D.C.R.
(Ω)
[以下]
(at 20℃)
定格電流
(A)
※2
S.R.F.
(MHz)
[参考値]
スミダ
コード
25
CD1
Ø5NP-1ØØMB
100M
10μH±20%
0.06
2.60
25.1
-0145
26
CD1
Ø5NP-12ØMB
120M
12μH±20%
0.07
2.45
23.1
-0146
27
CD1
Ø5NP-15ØMB
150M
15μH±20%
0.08
2.27
19.1
-0147
28
CD1
Ø5NP-18ØMB
180M
18μH±20%
0.09
2.15
18.1
-0148
29
CD1
Ø5NP-22ØMB
220M
22μH±20%
0.10
1.95
15.9
-0149
30
CD1
Ø5NP-27ØMB
270M
27μH±20%
0.11
1.76
14.0
-0150
31
CD1
Ø5NP-33ØMB
330M
33μH±20%
0.12
1.50
13.1
-0151
32
CD1
Ø5NP-39ØMB
390M
39μH±20%
0.14
1.37
12.2
-0152
33
CD1
Ø5NP-47ØKB
470K
47μH±10%
0.17
1.28
10.6
-0153
34
CD1
Ø5NP-56ØKB
560K
56μH±10%
0.19
1.17
10.2
-0155
35
CD1
Ø5NP-68ØKB
680K
68μH±10%
0.22
1.11
9.26
-0156
36
CD1
Ø5NP-82ØKB
820K
82μH±10%
0.25
1.00
8.45
-0157
37
CD1
Ø5NP-1Ø1KB
101K
100μH±10%
0.35
0.97
7.64
-0158
38
CD1
Ø5NP-121KB
121K
120μH±10%
0.40
0.89
6.65
-0159
39
CD1
Ø5NP-151KB
151K
150μH±10%
0.47
0.78
5.86
-0160
40
CD1
Ø5NP-181KB
181K
180μH±10%
0.63
0.72
5.71
-0161
41
CD1
Ø5NP-221KB
221K
220μH±10%
0.73
0.66
5.25
-0162
42
CD1
Ø5NP-271KB
271K
270μH±10%
0.97
0.57
4.62
-0163
43
CD1
Ø5NP-331KB
331K
330μH±10%
1.15
0.52
4.07
-0164
44
CD1
Ø5NP-391KB
391K
390μH±10%
1.30
0.48
3.91
-0166
45
CD1
Ø5NP-471KB
471K
470μH±10%
1.48
0.42
3.61
-0167
46
CD1
Ø5NP-561KB
561K
560μH±10%
1.90
0.33
3.25
-0168
47
CD1
Ø5NP-681KB
681K
680μH±10%
2.25
0.28
2.96
-0169
48
CD1
Ø5NP-821KB
821K
820μH±10%
2.55
0.24
2.74
-0170
※1:測定周波数
10μH ~ 82μH
at 2.52 MHz
100μH ~820μH
at
1 kHz
※2:定格電流は直流重畳特性に於て、インダクタンスが初期値より-10%となる電流もしくは直流電流を
流した時のコイルの発熱が△t=40℃となる電流とのどちらか少ない方の値。(Ta=20℃を基準とする。)
3.保存温度範囲   −40℃ ∼ +100℃
使用温度範囲
−40℃ ∼ +100℃(コイルの発熱を含む。)


Similar Part No. - CD105NP-150MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD105NP-150MC SUMIDA-CD105NP-150MC Datasheet
408Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com