Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD15B-271KC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CD15B-271KC
Description  CD105B
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD15B-271KC Datasheet(HTML) 4 Page - Sumida Corporation

  CD15B-271KC Datasheet HTML 1Page - Sumida Corporation CD15B-271KC Datasheet HTML 2Page - Sumida Corporation CD15B-271KC Datasheet HTML 3Page - Sumida Corporation CD15B-271KC Datasheet HTML 4Page - Sumida Corporation CD15B-271KC Datasheet HTML 5Page - Sumida Corporation CD15B-271KC Datasheet HTML 6Page - Sumida Corporation CD15B-271KC Datasheet HTML 7Page - Sumida Corporation CD15B-271KC Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TYPE
CD105B
SPECIFICATION
DIMENSION RECOMMENDED (mm)
PLEASE COAT TERMINAL INTERVALS WITH SILK.
.
THICKNESS OF METALMASK RECOMMENDED: 0.2t


Similar Part No. - CD15B-271KC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CD15-E2GA392MYGSA TDK-CD15-E2GA392MYGSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CD15-E2GA392MYNSA TDK-CD15-E2GA392MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Sensata Technologies, I...
CD150 SENSATA-CD150 Datasheet
398Kb / 3P
   CD150 POTENTIOMETRIC OUTPUT – MEASUREMENT RANGE 0 UP TO 6000 MM
CD150-MEC SENSATA-CD150-MEC Datasheet
241Kb / 3P
   MECHANICAL DRAW-WIRE - MEASUREMENT RANGE 0 UP TO 6000 MM
logo
List of Unclassifed Man...
CD1517 ETC-CD1517 Datasheet
37Kb / 2P
   5-TAP DIP DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com