Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD126512 Datasheet(PDF) 1 Page - Sensitron

Part # SHD126512
Description  SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD126512 Datasheet(HTML) 1 Page - Sensitron

  SHD126512 Datasheet HTML 1Page - Sensitron SHD126512 Datasheet HTML 2Page - Sensitron SHD126512 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4807, REV. A
SILICON SCHOTTKY RECTIFIER
Ultra Low Reverse Leakage
150
°C Operating Temperature
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Ultra low Reverse Leakage Current
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
V
B
RWMB
-
45
V
Max. Average Forward
Current
I
B
F(AV)B
50% duty cycle, rectangular
wave form
16
A
Max. Peak One Cycle Non-
Repetitive Surge Current
I
B
FSMB
8.3 ms, half Sine wave
200
A
Max. Junction Temperature
T
B
JB
-
-65 to +150
°C
Max. Storage Temperature
T
B
stgB
-
-65 to +150
°C
Thermal Resistance
R
B
θJC
B
-
1.15
°C/W
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
V
B
F1B
@ 16A, Pulse, T
B
JB = 25 °C
0.65
V
V
B
F2B
@ 16A, Pulse, T
B
JB = 125 °C
0.61
V
Max. Reverse Current
I
B
R1B
@V
B
RB = 45V, Pulse,
T
B
JB = 25 °C
0.1
mA
I
B
R2B
@V
B
RB = 45V, Pulse,
T
B
JB = 125 °C
50
mA
Max. Junction Capacitance
C
B
TB
@V
B
RB = 5V, TBCB = 25 °C
f
B
SIGB = 1MHz,
V
B
SIGB = 50mV (p-p)
2300
pF
SHD126512


Similar Part No. - SHD126512

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126511 SENSITRON-SHD126511 Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
More results

Similar Description - SHD126512

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126012 SENSITRON-SHD126012 Datasheet
65Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126845 SENSITRON-SHD126845 Datasheet
46Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126213 SENSITRON-SHD126213_08 Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126011 SENSITRON-SHD126011 Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126511 SENSITRON-SHD126511 Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126111 SENSITRON-SHD126111 Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126144 SENSITRON-SHD126144 Datasheet
65Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126434 SENSITRON-SHD126434 Datasheet
166Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126034 SENSITRON-SHD126034_08 Datasheet
57Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126022 SENSITRON-SHD126022 Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com