Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT150A120D1 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGT150A120D1
Description  Phase leg Trench IGBT Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT150A120D1 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGT150A120D1 Datasheet HTML 1Page - Advanced Power Technology APTGT150A120D1 Datasheet HTML 2Page - Advanced Power Technology APTGT150A120D1 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APTGT150A120D1
APT website – http://www.advancedpower.com
1 - 3
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
TC = 25°C
220
IC
Continuous Collector Current
TC = 80°C
150
ICM
Pulsed Collector Current
TC = 25°C
350
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC = 25°C
700
W
SCSOA Short Circuit Safe Operating Area
Tj = 125°C
600A@900V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
2
1
3
5
Q2
7
6
Q1
4
6
7
5
4
3
2
1
VCES = 1200V
IC = 150A @ Tc = 80°C
Application
Welding converters
Switched Mode Power Supplies
Uninterruptible Power Supplies
Motor control
Features
Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Low stray inductance
-
M5 power connectors
High level of integration
Benefits
Outstanding performance at high frequency
operation
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Phase Leg
Trench IGBT® Power Module


Similar Part No. - APTGT150A120D1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT150A120D1G MICROSEMI-APTGT150A120D1G Datasheet
187Kb / 4P
   Phase leg Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT150A120D1

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT30A170D1 ADPOW-APTGT30A170D1 Datasheet
189Kb / 3P
   Phase leg Trench IGBT Power Module
APTGT35A120D1 ADPOW-APTGT35A120D1 Datasheet
189Kb / 3P
   Phase leg Trench IGBT Power Module
APTGT150A120D3 ADPOW-APTGT150A120D3 Datasheet
201Kb / 3P
   Phase leg Trench IGBT Power Module
APTGT25A120D1 ADPOW-APTGT25A120D1 Datasheet
189Kb / 3P
   Phase leg Trench IGBT Power Module
APTGT200A120D3 ADPOW-APTGT200A120D3 Datasheet
205Kb / 3P
   Phase leg Trench IGBT Power Module
APTGT200A170D3 ADPOW-APTGT200A170D3 Datasheet
197Kb / 3P
   Phase leg Trench IGBT Power Module
APTGT100A120D1 ADPOW-APTGT100A120D1 Datasheet
185Kb / 3P
   Phase leg Trench IGBT Power Module
APTGT100A170D1 ADPOW-APTGT100A170D1 Datasheet
185Kb / 3P
   Phase leg Trench IGBT Power Module
APTGT50A120D1 ADPOW-APTGT50A120D1 Datasheet
189Kb / 3P
   Phase leg Trench IGBT Power Module
APTGT75A120D1 ADPOW-APTGT75A120D1 Datasheet
189Kb / 3P
   Phase leg Trench IGBT Power Module
APTGT300A170D3 ADPOW-APTGT300A170D3 Datasheet
197Kb / 3P
   Phase leg Trench IGBT Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com