Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LC75411ES Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part No. LC75411ES
Description  Electronic Volume Controller for Car Audio Systems
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LC75411ES Datasheet(HTML) 9 Page - Sanyo Semicon Device

Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
No. 6928-9/33
LC75411ES, 75411WS
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
[Fader Block]
Input resistance
Rfed
LFIN, RFIN
25
50
100
k
0dB to
–2dB
±0.5
dB
Step setting error
ATerr
–2dB to –20dB
±1
dB
–20dB to –30dB
±2
dB
–30dB to –60dB
±3
dB
L/R balance
BAL
±0.5
dB
[General]
Total harmonic distortion
THD (1)VIN = –10dBV, f = 1 kHz
0.004
0.01
%
THD (2)VIN = –10dBV, f = 10 kHz
0.006
0.01
%
Input crosstalk
CT
VIN = 1Vrms, f = 1 kHz
80
88
dB
L/R crosstalk
CT
VIN = 1Vrms, f = 1 kHz
80
88
dB
Maximum attenuated output
Vomin (1)VIN = 1Vrms, f = 1 kHz
80
88
dB
Vomin (2)
VIN = 1Vrms, f = 1 kHz
90
95
dB
INMUTE, fader
Output noise voltage
VN (1)
Flat overall, IHF-A filter
5
10
µV
VN (2)
Flat overall, 20 to 20 kHzBPF
7
15
µV
Current drain
IDD
33
40
mA
Input high-level current
IIH
CL, DI, CE, VIN = 9 V
10
µA
Input low-level current
IIL
CL, DI, CE, VIN = 0 V
–10
µA
Maximum input voltage
VCL
THD = 1%, RL = 10 k
2.5
2.9
Vrms
flat overall, fIN = 1 kHz
Continued from preceding page.
Control Timing and Data Format
To control the LC75411ES and LC75411WS input specified serial data to the CE, CL, and DI pins.
The data configuration consists of a total of 52 bits broken down into 8 address bits and 44 data bits.
CE
DI
D43
D42
D41
D40
D39
D38
D5
D4
D3
D2
D0
D1
A3
A2
A1
A0
B3
B2
B1
B0
CL
1 s
min
1 s
min
1 s min
TDEST
1 s
min
1 s
min
1 s
min
CE
DI
CL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn