Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS300R Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PS300R
Description  FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PS300R Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PS300R Datasheet HTML 1Page - Pan Jit International Inc. PS300R Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
PS300R THRU PS3010R
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm.
22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
4.0
3.0
2.0
1.0
0
25
50
75
100
125
150
175
200
.375" 9.5mm LENGTH
AMBIENT TEMPERATURE, ¢J
200
100
50
10
1
10
50
100
TJ = 25¢J
NON REPETITIVE
REPETITIVE
NUMBER OF CYCLES AT 60Hz
Fig. 2-FORWARD CURRENT DERATING CURVE
Fig. 3-PEAK FORWARD SURGE CURRENT
100
60
10
5
1
1
4
10
50
100
T
J = 25 ¢J
REVERSE VOLTAGE, VOLTS
100
30
10
3.0
1.0
0.3
0.1
0.03
0.01
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
TJ = 25 ¢J
INSTANTANEOUS FWD VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS


Similar Part No. - PS300R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS300R PANJIT-PS300R Datasheet
36Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
PS300R PANJIT-PS300R Datasheet
67Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
PS300R PANJIT-PS300R_04 Datasheet
36Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
PS300R PANJIT-PS300R_09 Datasheet
67Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
More results

Similar Description - PS300R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS150R PANJIT-PS150R Datasheet
42Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes)
PS200R PANJIT-PS200R Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Yea Shin Technology Co....
UF300 YEASHIN-UF300 Datasheet
38Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
logo
Pan Jit International I...
UF300 PANJIT-UF300 Datasheet
68Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Yea Shin Technology Co....
UF300G YEASHIN-UF300G Datasheet
44Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
logo
Pan Jit International I...
1N5400 PANJIT-1N5400 Datasheet
51Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Rectron Semiconductor
FR301 RECTRON-FR301 Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com