Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE20 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # P6KE20
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6KE20 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  P6KE20 Datasheet HTML 1Page - Pan Jit International Inc. P6KE20 Datasheet HTML 2Page - Pan Jit International Inc. P6KE20 Datasheet HTML 3Page - Pan Jit International Inc. P6KE20 Datasheet HTML 4Page - Pan Jit International Inc. P6KE20 Datasheet HTML 5Page - Pan Jit International Inc. P6KE20 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5.00
3.75
2.50
1.25
0
0
25
50
75
100
125
150
175
200
L = .375"(9.5mm)
20mm×20mm×1mm Cu
Copper Heat Sinks
(0.8"×0.8"×0.40")
TL, LEAD TEMPERATURE, ℃
200
100
50
0
1
10
50
100
TJ = TJ max
8.3ms SINGLE HALF SINE
WAVE JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 5-STEADY STATE POWER DERATING CURVE
Fig. 6-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT UNIDIRECTIONAL ONLY
UNI-DIRECTIONAL 600 Watt Axial Lead TVS
UNI-DIRECTION
AL
PART
NUMBER
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @IT
TEST
CURRENT
IT
(mA)
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@VRWM
IR (uA)
P6KE6.8
P6KE6.8A
P6KE7.5
P6KE7.5A
5.50
5.80
6.05
6.40
6.12
6.45
6.75
7.13
7.48
7.14
8.25
7.88
10
10
10
10
10.8
10.5
11.7
11.3
56.0
57.0
51.0
53.0
1000
1000
500
500
P6KE8.2
P6KE8.2A
P6KE9.1
P6KE9.1A
6.63
7.02
7.37
7.78
7.38
7.79
8.19
8.65
9.02
8.61
10.00
9.50
10
10
1
1
12.5
12.1
13.8
13.4
48.0
50.0
44.0
45.0
200
200
50
50
P6KE10
P6KE10A
P6KE11
P6KE11A
8.10
8.55
8.92
9.40
9.00
9.50
9.90
10.50
11.00
10.50
12.10
11.60
1
1
1
1
15.0
14.5
16.2
15.6
40.0
41.0
37.0
38.0
10
10
5
5
P6KE12
P6KE12A
P6KE13
P6KE13A
9.72
10.20
10.50
11.10
10.80
11.40
11.70
12.40
13.20
12.60
14.30
13.70
1
1
1
1
17.3
16.7
19.0
18.2
35.0
36.0
32.0
33.0
5
5
5
5
P6KE15
P6KE15A
P6KE16
P6KE16A
12.10
12.80
12.90
13.60
13.50
14.30
14.40
15.20
16.50
15.80
17.60
16.80
1
1
1
1
22.0
21.2
23.5
22.5
27.0
28.0
26.0
27.0
5
5
5
5
P6KE18
P6KE18A
P6KE20
P6KE20A
14.50
15.30
16.20
17.10
16.20
17.10
18.00
19.00
19.80
18.90
22.00
21.00
1
1
1
1
26.5
25.2
29.1
27.7
23.0
24.0
21.0
22.0
5
5
5
5
P6KE22
P6KE22A
P6KE24
P6KE24A
17.80
18.80
19.40
20.50
19.80
20.90
21.60
22.80
24.20
23.10
26.40
25.20
1
1
1
1
31.9
30.6
34.7
33.2
19.0
20.0
17.0
18.0
5
5
5
5
P6KE27
P6KE27A
P6KE30
P6KE30A
21.80
23.10
24.30
25.60
24.30
25.70
27.00
28.50
29.70
28.40
33.00
31.50
1
1
1
1
39.1
37.5
43.5
41.4
15.0
16.0
14.0
14.4
5
5
5
5
P6KE33
P6KE33A
P6KE36
P6KE36A
26.80
28.20
29.10
30.80
29.70
31.40
32.40
34.20
36.30
34.70
39.60
37.80
1
1
1
1
47.7
45.7
52.0
49.9
12.6
13.2
11.6
12.0
5
5
5
5
P6KE39
P6KE39A
P6KE43
P6KE43A
31.60
33.30
34.80
36.80
35.10
37.10
38.70
40.90
42.90
41.00
47.30
45.20
1
1
1
1
56.4
53.9
61.9
59.3
10.6
11.2
9.6
10.1
5
5
5
5
P6KE47
P6KE47A
P6KE51
P6KE51A
38.10
40.20
41.30
43.60
42.30
44.70
45.90
48.50
51.70
49.40
56.10
53.60
1
1
1
1
67.8
64.8
73.5
70.1
8.9
9.3
8.2
8.6
5
5
5
5
P6KE56
P6KE56A
P6KE62
P6KE62A
45.60
47.80
50.20
53.00
50.40
53.20
55.80
58.90
61.60
58.80
68.20
65.10
1
1
1
1
80.5
77.0
89.0
85.0
7.4
7.8
6.8
7.1
5
5
5
5


Similar Part No. - P6KE20

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE20 PANJIT-P6KE20 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Surge Components
P6KE20 SURGE-P6KE20 Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Zibo Seno Electronic En...
P6KE20 ZSELEC-P6KE20 Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Leshan Radio Company
P6KE20 LRC-P6KE20 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Diotec Semiconductor
P6KE20 DIOTEC-P6KE20 Datasheet
154Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE20

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE PANJIT-P4KE Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
DB Lectro Inc
1.5KE DBLECTRO-1.5KE Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
StarHope
TVS-P4KE SPSEMI-TVS-P4KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
TVS-P6KE SPSEMI-TVS-P6KE Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
logo
DB Lectro Inc
BZW04 DBLECTRO-BZW04 Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
StarHope
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
logo
Formosa MS
3KP5.0 FORMOSA-3KP5.0 Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com