Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS102RS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PS102RS
Description  FAST SWITCHING PLASTIC DIODES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PS102RS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PS102RS Datasheet HTML 1Page - Pan Jit International Inc. PS102RS Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PS100RS THRU PS1010RS
FAST SWITCHING PLASTIC DIODES
VOLTAGE - 50 to 1000 Volts
CURRENT - 1.0 Ampere
FEATURES
l
High current capability
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing
Flame Retardant Epoxy Molding Compound
l
1.0 ampere operation at TA=55 ¢J with no thermal runaway
l
Fast switching for high efficiency
l
Exceeds environmental standards of MIL-S-19500/228
l
Low leakage
MECHANICAL DATA
Case: Molded plastic, A-405
Terminals: Plated axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.008 ounce, 0.22 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
PS100RS PS101RS PS102RS PS104RS PS106RS PS108RS
PS1010RS
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375"(9.5mm) lead length at TA=55 ¢J
1.0
A
Peak Forward Surge Current 8.3ms single half sine
wave superimposed on rated load(JECEC method)
30
A
Maximum Forward Voltage at 1.0A DC
1.3
V
Maximum Reverse Current TJ=25 ¢J
at Rated DC Blocking Voltage TJ=100 ¢J
5.0
500
£g A
£g A
Typical Junction capacitance (Note 1) CJ
12
PF
Typical Thermal Resistance (Note 3) R £KJA
67
¢J /W
Maximum Reverse Recovery Time(Note 2)
150
150
150
150
250
500
500
ns
Operating and Storage Temperature Range TJ,TSTG
-55 to +150
¢J
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2.
Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
3.
Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) lead length P.C.B.
mounted
A-405


Similar Part No. - PS102RS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS102RS PANJIT-PS102RS Datasheet
41Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
PS102RS PANJIT-PS102RS Datasheet
69Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
More results

Similar Description - PS102RS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS100R PANJIT-PS100R Datasheet
59Kb / 2P
   FAST SWITCHING PLASTIC DIODES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
1F1 PANJIT-1F1 Datasheet
57Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
1N4942 PANJIT-1N4942 Datasheet
55Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 200 to 1000 Volts CURRENT - 1.0 Ampere)
BA157 PANJIT-BA157 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
List of Unclassifed Man...
1N4001 ETC-1N4001 Datasheet
35Kb / 1P
   VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com