Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTC80A15SCT Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APTC80A15SCT
Description  Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTC80A15SCT Datasheet(HTML) 4 Page - Advanced Power Technology

  APTC80A15SCT Datasheet HTML 1Page - Advanced Power Technology APTC80A15SCT Datasheet HTML 2Page - Advanced Power Technology APTC80A15SCT Datasheet HTML 3Page - Advanced Power Technology APTC80A15SCT Datasheet HTML 4Page - Advanced Power Technology APTC80A15SCT Datasheet HTML 5Page - Advanced Power Technology APTC80A15SCT Datasheet HTML 6Page - Advanced Power Technology APTC80A15SCT Datasheet HTML 7Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
APTC80A15SCT
APT website – http://www.advancedpower.com
4 – 7
Typical CoolMOS Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.00001
0.0001
0.001
0.01
0.1
1
rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
4V
4.5V
5V
5.5V
6V
6.5V
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
VDS, Drain to Source Voltage (V)
VGS=15&10V
Low Voltage Output Characteristics
Transfert Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
0
20
40
60
80
100
0123
45678
VGS, Gate to Source Voltage (V)
VDS > ID(on)xRDS(on)MAX
250µs pulse test @ < 0.5 duty cycle
RDS(on) vs Drain Current
VGS=10V
VGS=20V
0.8
0.9
1
1.1
1.2
1.3
1.4
0
10203040
50
60
ID, Drain Current (A)
Normalized to
VGS=10V @ 14A
0
5
10
15
20
25
30
25
50
75
100
125
150
TC, Case Temperature (°C)
DC Drain Current vs Case Temperature


Similar Part No. - APTC80A15SCT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC80A15SCTG MICROSEMI-APTC80A15SCTG Datasheet
311Kb / 7P
   Phase leg Serie & SiC parallel diodes Super Junction MOSFET Power Module
More results

Similar Description - APTC80A15SCT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC60AM18SCG MICROSEMI-APTC60AM18SCG Datasheet
303Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC80A10SCT ADPOW-APTC80A10SCT Datasheet
312Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC90AM60SCTG MICROSEMI-APTC90AM60SCTG Datasheet
215Kb / 6P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC80AM75SC ADPOW-APTC80AM75SC Datasheet
306Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC80AM75SCG MICROSEMI-APTC80AM75SCG Datasheet
300Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC60AM24SCTG MICROSEMI-APTC60AM24SCTG Datasheet
240Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80A10SCTG MICROSEMI-APTC80A10SCTG Datasheet
310Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC60AM35SCTG MICROSEMI-APTC60AM35SCTG Datasheet
316Kb / 8P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC60AM18SC ADPOW-APTC60AM18SC Datasheet
311Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC60AM35SCT ADPOW-APTC60AM35SCT Datasheet
317Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com