Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG5406 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PG5406
Description  GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PG5406 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PG5406 Datasheet HTML 1Page - Pan Jit International Inc. PG5406 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
PG5400 THRU PG5408
100
10
1
0.1
0
20
40
60
80
100
120
140
25 ¢J
PERCENT OF RATED PEAK REVERSE VOLTAGE
4.0
3.0
2.0
1.0
0
25
50
75
100
125
150
175
200
.375" 9.5mm LENGTH
AMBIENT TEMPERATURE, ¢J
Fig. 1-TYPICAL REVERSE CHARACTERISTICS
Fig. 2-FORWARD DERATING CURVE
100
70
10
1
0.1
1
10
100
AMBIENT TEMPERATURE, ¢J
10
1.0
0.1
.01
0.5
0.6
0.7
0.8
1.1
1.3
1.5
1.7
MEDIAN
5%
10%
MAXIMUM FORWARD VOLTAGE-VFM(VpK)
Fig. 3-FORWARD CURRENT DERATING CURVE
Fig. 4-TYPICAL JUNCTION CAPACITANCE
150
120
90
60
30
0
1
2
6
10
20
40
60
100
TA = 105 ¢J
NO. OF CYCLES AT 60Hz
Fig. 5-MAXIMUM OVERLOAD SURGE CURRENT


Similar Part No. - PG5406

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG5406 PANJIT-PG5406 Datasheet
42Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG5406 PANJIT-PG5406 Datasheet
51Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Zibo Seno Electronic En...
PG5406 ZSELEC-PG5406 Datasheet
128Kb / 2P
   3.0A GLASS PASSIVATED RECTIFIER
More results

Similar Description - PG5406

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG150 PANJIT-PG150 Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
PG5391 PANJIT-PG5391 Datasheet
51Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
PG200 PANJIT-PG200 Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Rectron Semiconductor
RL201G RECTRON-RL201G Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
RL151G RECTRON-RL151G Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
GOOD-ARK Electronics
1N5400G GOOD-ARK-1N5400G_15 Datasheet
123Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Pan Jit International I...
PG600A PANJIT-PG600A Datasheet
50Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
PG4001S PANJIT-PG4001S Datasheet
41Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
1F1G PANJIT-1F1G Datasheet
389Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
PG300R PANJIT-PG300R Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com