Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG600D Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PG600D
Description  GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PG600D Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PG600D Datasheet HTML 1Page - Pan Jit International Inc. PG600D Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PG600A THRU PG600K
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
VOLTAGE - 50 to 800 Volts
CURRENT - 6.0 Amperes
FEATURES
l
High surge current capability
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing
Flame Retardant Epoxy Molding Compound
l
Glass passivated junction in P600 package
l
High current operation 6.0 Amperes @ TA=75 ¢J
l
Exceeds environmental standards of MIL-S-19500/228
MECHANICAL DATA
Case: Molded plastic, P600
Terminals: axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.07 ounce, 2.1 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
*@ TA=25 ¢J unless otherwise specified. Single phase, half-wave,60 Hz, resistive or inductive load.
**All values except Maximum RMS Voltage are registered JEDEC parameters.
PG600A PG600B PG600D PG600G PG600J PG600K UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
V
Maximum RMS Voltage
35
70
140
280
420
560
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
V
Maximum Average Forward
Rectified Current at TA=75 ¢J
6.0
A
A
Maximum Overload Surge Current at 1 cycle (NOTE 1)
300
A
Maximum Forward Voltage at 6.0 ADC
1.0
V
Maximum Full Load Reverse Current Full Cycle
Average at 25 ¢J
10
£g
ADC
Maximum DC Reverse Current at Rated
DC Blocking Voltage and 100 ¢J
0.3
mADC
Typical Junction capacitance (Note 2) CJ
150.0
PF
Typical Thermal Resistance (Note 3) R £KJA
Typical Thermal Resistance (Note 3) R £KJL
20.0
4.0
¢J /W
¢J /W
Operating Temperature Range
-55 to +150
¢J
Storage Temperature Range
-55 to +150
¢J
NOTES:
1.
Peak forward surge current, per 8.3ms single half-sine-wave superimposed on rated load(JECED method)
2.
Measured at 1 MHZ and applied reverse voltage of 4.0 volts
3.
Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) lead length P.C.B.
mounted with 1.1×1.1(30×30mm) copper pads
P600


Similar Part No. - PG600D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG600D PANJIT-PG600D Datasheet
62Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
PG600D PANJIT-PG600D Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Zibo Seno Electronic En...
PG600D ZSELEC-PG600D Datasheet
89Kb / 2P
   6.0A GLASS PASSIVATED RECTIFIER
More results

Similar Description - PG600D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF600G PANJIT-UF600G Datasheet
68Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
PG600R PANJIT-PG600R Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
GBJ6A PANJIT-GBJ6A Datasheet
45Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
UF150G PANJIT-UF150G Datasheet
56Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.5 Amperes)
PG150R PANJIT-PG150R Datasheet
54Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.5 Amperes)
PG200R PANJIT-PG200R Datasheet
54Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
PG300R PANJIT-PG300R Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
UF300G PANJIT-UF300G Datasheet
68Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
PG5400 PANJIT-PG5400 Datasheet
54Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
PG150 PANJIT-PG150 Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com