Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT30GF60JU3 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT30GF60JU3
Description  ISOTOP Buck chopper NPT IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30GF60JU3 Datasheet(HTML) 1 Page - Advanced Power Technology

  APT30GF60JU3 Datasheet HTML 1Page - Advanced Power Technology APT30GF60JU3 Datasheet HTML 2Page - Advanced Power Technology APT30GF60JU3 Datasheet HTML 3Page - Advanced Power Technology APT30GF60JU3 Datasheet HTML 4Page - Advanced Power Technology APT30GF60JU3 Datasheet HTML 5Page - Advanced Power Technology APT30GF60JU3 Datasheet HTML 6Page - Advanced Power Technology APT30GF60JU3 Datasheet HTML 7Page - Advanced Power Technology APT30GF60JU3 Datasheet HTML 8Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
APT30GF60JU3
APT website – http://www.advancedpower.com
1 – 8
ISOTOPÒ
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
IC1
TC = 25°C
58
IC2
Continuous Collector Current
TC = 100°C
30
ICM
Pulsed Collector Current
TC = 25°C
110
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC = 25°C
192
W
ILM
RBSOA clamped Inductive load Current RG=11Ω
TC = 25°C
60
A
IFAV
Maximum Average Forward Current
Duty cycle=0.5
TC = 80°C
30
IFRMS
RMS Forward Current (Square wave, 50% duty)
39
A
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
C
A
E
G
VCES = 600V
IC = 30A @ Tc = 100°C
Application
·
AC and DC motor control
·
Switched Mode Power Supplies
Features
·
Non Punch Through (NPT) THUNDERBOLT IGBT®
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 100 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
·
ISOTOP® Package (SOT-227)
·
Very low stray inductance
·
High level of integration
Benefits
·
Outstanding performance at high frequency operation
·
Stable temperature behavior
·
Very rugged
·
Direct mounting to heatsink (isolated package)
·
Low junction to case thermal resistance
·
Easy paralleling due to positive TC of VCEsat
ISOTOP® Buck chopper
NPT IGBT
A
C
G
E


Similar Part No. - APT30GF60JU3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT30GF60JU3 MICROSEMI-APT30GF60JU3 Datasheet
470Kb / 8P
   ISOTOP Buck chopper NPT IGBT
More results

Similar Description - APT30GF60JU3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT100GF60JU3 MICROSEMI-APT100GF60JU3 Datasheet
431Kb / 9P
   ISOTOP Buck chopper NPT IGBT
logo
Advanced Power Technolo...
APT100GF60JU3 ADPOW-APT100GF60JU3 Datasheet
447Kb / 9P
   ISOTOP Buck chopper NPT IGBT
APT60GF60JU3 ADPOW-APT60GF60JU3 Datasheet
526Kb / 8P
   ISOTOP Buck chopper NPT IGBT
APT50GF60JU3 ADPOW-APT50GF60JU3 Datasheet
471Kb / 8P
   ISOTOP Buck chopper NPT IGBT
logo
Microsemi Corporation
APT30GF60JU3 MICROSEMI-APT30GF60JU3 Datasheet
470Kb / 8P
   ISOTOP Buck chopper NPT IGBT
logo
Advanced Power Technolo...
APT30GF60JU2 ADPOW-APT30GF60JU2 Datasheet
480Kb / 8P
   ISOTOP Boost chopper NPT IGBT
logo
Microsemi Corporation
APT30GF60JU2 MICROSEMI-APT30GF60JU2 Datasheet
469Kb / 8P
   ISOTOP Boost chopper NPT IGBT
logo
Advanced Power Technolo...
APT35GT120JU3 ADPOW-APT35GT120JU3 Datasheet
609Kb / 7P
   ISOTOP Buck chopper Trench IGBT
APT50GT120JU3 ADPOW-APT50GT120JU3 Datasheet
608Kb / 7P
   ISOTOP Buck chopper Trench IGBT
APT100GT120JU3 ADPOW-APT100GT120JU3 Datasheet
607Kb / 7P
   ISOTOP Buck chopper Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com