Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5221B Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part No. MMSZ5221B
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMSZ5221B Datasheet(HTML) 4 Page - Pan Jit International Inc.

  MMSZ5221B Datasheet HTML 1Page - Pan Jit International Inc. MMSZ5221B Datasheet HTML 2Page - Pan Jit International Inc. MMSZ5221B Datasheet HTML 3Page - Pan Jit International Inc. MMSZ5221B Datasheet HTML 4Page - Pan Jit International Inc. MMSZ5221B Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Part Number: MMSZ5221B - MMSZ5259B
PAGE 4
ZENER VOLTAGE V.S. ZENER CURRENT
TYPICAL LEAKGE CURRENT
90
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
NOMINAL ZENER VOLTAGE, Vlots
+150 C
O
+25 C
O
-55 C
O
12
100
10
1
0.1
0.01
10
8
6
4
2
0
ZENER VOLTAGE, Volts
T =25 C
A
o
100
10
1
0.1
0.0110
30
50
70
90
T =25 C
A
o
ZENER VOLTAGE, Volts
ZENER VOLTAGE V.S. ZENER CURRENT


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MMSZ5221BS SURFACE MOUNT SILICON ZENER DIODES 1  2  3  4  5  Pan Jit International Inc.
SZ603D SURFACE MOUNT SILICON ZENER DIODES 1  2  EIC discrete Semiconductors
SZ653D SURFACE MOUNT SILICON ZENER DIODES 1  2  EIC discrete Semiconductors
ZMM1-2P Surface mount Silicon Planar Zener Diodes 1  2  3  Diotec Semiconductor
SMBJ5946B 1.5W SILICON SURFACE MOUNT ZENER DIODES 1  2  Jinan Gude Electronic Device
BZT52CS SURFACE MOUNT SILICON ZENER DIODES 1  2  3  Continental Device India Limited
ZMM1 Surface mount Silicon Planar Zener Diodes 1  2  3  4  Diotec Semiconductor
BZT52C SURFACE MOUNT SILICON ZENER DIODES 1  2  3  4  Continental Device India Limited
BZX84C2V7 Surface Mount Silicon Planar Zener Diodes 1  2  Diotec Semiconductor
BZT52-C2V4 SURFACE MOUNT SILICON ZENER DIODES 1  2  3  4  5  Formosa MS

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn