Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5221B Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part No. MMSZ5221B
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMSZ5221B Datasheet(HTML) 3 Page - Pan Jit International Inc.

  MMSZ5221B Datasheet HTML 1Page - Pan Jit International Inc. MMSZ5221B Datasheet HTML 2Page - Pan Jit International Inc. MMSZ5221B Datasheet HTML 3Page - Pan Jit International Inc. MMSZ5221B Datasheet HTML 4Page - Pan Jit International Inc. MMSZ5221B Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Part Number: MMSZ5221B - MMSZ5259B
PAGE 3
RATING and CHARACTERISTIC CURVES
TYPICAL REVERSE CURRENT
NOMINAL ZENER VOLTAGE, Volts
-1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
-2
-3
STEADY STATE POWER DERATING
EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
100
10
1
1000
100
10
1
IZ =1mA
5mA
20 mA
NORMAL ZENER VOLTAGE, Volts
TJ=25 C
O
IZ(AC)=0.1I
F=1 kHZ
Z(DC)
TYPICAL FORWARD VOLTAGE
FORWARD VOLTAGE, Volts
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 C
O
5C
O
25 C
O
150 C
O
TYPICAL CAPACITANCE
100
1000
100
10
1
10
1
BIAS AT
50% OF VZ NOM
0VBIAS
1VBIAS
NOMINAL ZENER VOLTAGE, Volts
T =25 C
A
o
100
10
1
NOMINAL ZENER VOLTAGE, Volts
10
100
TEMPERATURE ( C)
o
STEADY STATE POWER DERATING
1.2
1.0
0.8
0.6
0.4
0.2
0
150
125
100
75
50
25
PDV.S.TA
155


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MMSZ5221BS SURFACE MOUNT SILICON ZENER DIODES 1  2  3  4  5  Pan Jit International Inc.
SZ603D SURFACE MOUNT SILICON ZENER DIODES 1  2  EIC discrete Semiconductors
SZ653D SURFACE MOUNT SILICON ZENER DIODES 1  2  EIC discrete Semiconductors
ZMM1-2P Surface mount Silicon Planar Zener Diodes 1  2  3  Diotec Semiconductor
SMBJ5946B 1.5W SILICON SURFACE MOUNT ZENER DIODES 1  2  Jinan Gude Electronic Device
BZT52CS SURFACE MOUNT SILICON ZENER DIODES 1  2  3  Continental Device India Limited
ZMM1 Surface mount Silicon Planar Zener Diodes 1  2  3  4  Diotec Semiconductor
BZT52C SURFACE MOUNT SILICON ZENER DIODES 1  2  3  4  Continental Device India Limited
BZX84C2V7 Surface Mount Silicon Planar Zener Diodes 1  2  Diotec Semiconductor
BZT52-C2V4 SURFACE MOUNT SILICON ZENER DIODES 1  2  3  4  5  Formosa MS

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn