Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5221B Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part No. MMSZ5221B
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMSZ5221B Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMSZ5221B Datasheet HTML 1Page - Pan Jit International Inc. MMSZ5221B Datasheet HTML 2Page - Pan Jit International Inc. MMSZ5221B Datasheet HTML 3Page - Pan Jit International Inc. MMSZ5221B Datasheet HTML 4Page - Pan Jit International Inc. MMSZ5221B Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Part Number: MMSZ5221B - MMSZ5259B
PAGE 1
MMSZ5221B thru MMSZ5259B
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
2.4 to 39 Volts
POWER
500 mWatts
FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Zener Voltages from 2.4V - 39V
• Ideally Suited for Automated Assembly Processes
MECHANICAL DATA
• Case: SOD-123, Molded Plastic
• Terminals: Solderable per MIL-STD-202, Method 208
• Polarity: See Diagram Below
• Approx. Weight: 0.008 grams
• Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SOD-123
NOTES:
A. Mounted on 5.0mm2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
e
u
l
a
V
s
t
i
n
U
5
7
t
a
)
A
s
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
OC
PD
0
0
5
W
m
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
B
s
e
t
o
N
(
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
IFSM
0
.
4s
p
m
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ
0
5
1
+
o
t
5
5
-
OC


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MMSZ5221BSSURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 5 Pan Jit International Inc.
SZ603DSURFACE MOUNT SILICON ZENER DIODES 1 2 EIC discrete Semiconductors
SZ653DSURFACE MOUNT SILICON ZENER DIODES 1 2 EIC discrete Semiconductors
ZMM1-2PSurface mount Silicon Planar Zener Diodes 1 2 3 Diotec Semiconductor
SMBJ5946B1.5W SILICON SURFACE MOUNT ZENER DIODES 1 2 Jinan Gude Electronic Device
BZT52CSSURFACE MOUNT SILICON ZENER DIODES 1 2 3 Continental Device India Limited
ZMM1Surface mount Silicon Planar Zener Diodes 1 2 3 4 Diotec Semiconductor
BZT52CSURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 Continental Device India Limited
BZX84C2V7Surface Mount Silicon Planar Zener Diodes 1 2 Diotec Semiconductor
BZT52-C2V4SURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 5 Formosa MS

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn