Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1608SURC Datasheet(PDF) 3 Page - Kingbright Corporation

Part # AP1608SURC
Description  1.6mmX0.8mm SMT LED, 1.1mm THICKNESS.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AP1608SURC Datasheet(HTML) 3 Page - Kingbright Corporation

  AP1608SURC Datasheet HTML 1Page - Kingbright Corporation AP1608SURC Datasheet HTML 2Page - Kingbright Corporation AP1608SURC Datasheet HTML 3Page - Kingbright Corporation AP1608SURC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAD0917
REV NO: V.3
DATE: MAR/10/2005
PAGE: 3 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: B.H.LI
ERP: 1203000073
Hyper Red
AP1608SURC


Similar Part No. - AP1608SURC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AP1608SURCK KINGBRIGHT-AP1608SURCK Datasheet
145Kb / 5P
   SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AP1608SURCK TO-GRACE-AP1608SURCK Datasheet
1Mb / 5P
   1.6X0.8mm SMD CHIP LED LAMP
More results

Similar Description - AP1608SURC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AP3216F3C KINGBRIGHT-AP3216F3C Datasheet
132Kb / 5P
   3.2mm x 1.6mm SMT LED, 1.1mm Thickness
logo
BetLux Electronics
BL-LS1608B0E1 BETLUX-BL-LS1608B0E1 Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
BL-LS1608A0E1 BETLUX-BL-LS1608A0E1 Datasheet
543Kb / 6P
   1.6mmx0.8mm SMD, 0.6mm THICKNESS
BL-LS3216B0E1 BETLUX-BL-LS3216B0E1 Datasheet
561Kb / 6P
   3.2mmx1.6mm SMD, 1.1mm THICKNESS
BL-LS3216C0E1 BETLUX-BL-LS3216C0E1 Datasheet
535Kb / 6P
   3.2mmx1.6mm SMD, 1.1mm THICKNESS
logo
Sharp Corporation
LT1P53A SHARP-LT1P53A Datasheet
89Kb / 4P
   3.3X2.9mm, 1.1mm Thickness,Milky Diffusion Chip LED Devices
LT1T51A SHARP-LT1T51A Datasheet
101Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, Colored Diffusion Chip LED Devices
logo
BetLux Electronics
BL-LS2012A0E1 BETLUX-BL-LS2012A0E1 Datasheet
531Kb / 6P
   2.0mmx1.25mm SMD, 1.1mm THICKNESS
logo
Sharp Corporation
LT1ET53A SHARP-LT1ET53A Datasheet
120Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, Milky Diffusion, Dichromatic Chip LED Devices
LT1U82A SHARP-LT1U82A Datasheet
108Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, High-luminosity Chip LED Devices with Lens
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com