Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT2X100D30J Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT2X100D30J
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT2X100D30J Datasheet(HTML) 2 Page - Advanced Power Technology

  APT2X100D30J Datasheet HTML 1Page - Advanced Power Technology APT2X100D30J Datasheet HTML 2Page - Advanced Power Technology APT2X100D30J Datasheet HTML 3Page - Advanced Power Technology APT2X100D30J Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APT2X101_100D30J
DYNAMIC CHARACTERISTICS
APT Reserves the right to change, without notice, the specifications and information contained herein.
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (seconds)
FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0.5
SINGLE PULSE
0.1
0.3
0.7
D = 0.9
0.05
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t2
t2
t1
Note:
MIN
TYP
MAX
-
36
-
47
-
120
-
5
-
-
110
-
650
-
10
-
-
70
-
1490
-
37
UNIT
ns
nC
Amps
ns
nC
Amps
ns
nC
Amps
Characteristic
Reverse Recovery Time
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Symbol
t
rr
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
Test Conditions
I
F = 100A, diF/dt = -200A/µs
V
R = 200V, TC = 25°C
I
F = 100A, diF/dt = -200A/µs
V
R = 200V, TC = 125°C
I
F = 100A, diF/dt = -1000A/µs
V
R = 200V, TC = 125°C
I
F = 1A, diF/dt = -100A/µs, VR = 30V, TJ = 25°C
0.0294 °C/W
0.0699 °C/W
0.230 °C/W
0.00051 J/°C
0.0310 J/°C
0.699 J/°C
Power
(watts)
Junction
temp(°C)
RC MODEL
Case temperature(°C)
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
RMS Voltage (50-60hHz Sinusoidal Wavefomr Ffrom Terminals to Mounting Base for 1 Min.)
Package Weight
Maximum Mounting Torque
Symbol
RθJC
V
Isolation
W
T
Torque
MIN
TYP
MAX
.33
2500
1.03
29.2
10
1.1
UNIT
°C/W
Volts
oz
g
lb•in
N•m


Similar Part No. - APT2X100D30J

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT2X100D100J ADPOW-APT2X100D100J Datasheet
68Kb / 4P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
logo
Microsemi Corporation
APT2X100D100J MICROSEMI-APT2X100D100J Datasheet
152Kb / 4P
   APT2X101D100J
logo
Advanced Power Technolo...
APT2X100D120J ADPOW-APT2X100D120J Datasheet
35Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X100D120J ADPOW-APT2X100D120J Datasheet
67Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT2X100D120J MICROSEMI-APT2X100D120J Datasheet
151Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - APT2X100D30J

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15D60B ADPOW-APT15D60B Datasheet
54Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D60H ADPOW-APT30D60H Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40C ADPOW-APT15D40C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40K ADPOW-APT15D40K Datasheet
22Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60C ADPOW-APT15D60C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT8DQ60K3CT MICROSEMI-APT8DQ60K3CT Datasheet
128Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60K MICROSEMI-APT8DQ60K Datasheet
262Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60KCT MICROSEMI-APT8DQ60KCT Datasheet
255Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT15D60BCT ADPOW-APT15D60BCT_05 Datasheet
125Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT15DQ100BCT MICROSEMI-APT15DQ100BCT Datasheet
249Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT30D100BCT ADPOW-APT30D100BCT_05 Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com