Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5665M28-E1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AM5665M28-E1
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5665M28-E1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5665M28-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM5665M28-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5665M28-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5665M28-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5665M28-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5665M28-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5665M28-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5665M28-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5665M28-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665
Preliminary Datasheet
6
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent Current
ICC
No load
18
27
mA
Standby Current
IST
2.3
4.0
mA
Standby on Voltage
VSTON
00.5
V
Standby off Voltage
VSTOFF
2.0
5.0
V
Actuator Driver
Output Offset Current
IOO1,2
-10
+10
mA
Maximum Output Voltage
VO1,2MAX
VIN=VBIAS ± 1.5V
3.3
3.5
V
Transmission Gain
gm
VIN=VBIAS ± 0.2V
1.3
1.5
1.7
A/V
Sled Motor Driver
Output Offset Voltage
VOOSL
-100
100
mV
Maximum Output Voltage
VO3MAX
VIN=VBIAS ± 1.5V
3.3
3.5
V
Closed-Loop Voltage Gain
GVSL
VIN=VBIAS ± 0.2V
18.0
20.0
22.0
dB
Loading Motor Driver
Output Offset Voltage
VOOLD
-50
50
mV
Maximum Output Voltage
VO4MAX
VIN=VBIAS ± 5.5V
3.3
3.5
V
Closed-Loop Voltage Gain
GVLD
VIN=VBIAS ± 0.2V
14
16
18
dB
Gain Error by Polarity
△ G
VLD
012
dB
Tray Motor Driver
Output Offset Voltage
VOOTR
RL5=45Ω, RVCTL=0Ω
-50
0
50
mV
Maximum Output Voltage
VO5MAX1
RL5=45Ω, RVCTL=400Ω
1.3
1.5
1.7
V
VO5MAX2
RL5=45Ω, RVCTL=0Ω
3.8
4.0
4.2
V
Input High Level Voltage
VIH
2.0
5.0
V
Input Low Level Voltage
VIL
00.8
V
(TA=25
oC, V
CC1=VCC2=5V, VBIAS=1.65V, RL1=RL2=8Ω, RL3=RL4=12Ω, RL5=45Ω, unless otherwise specified.)


Similar Part No. - AM5665M28-E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668M28 ETC1-AM5668M28 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5668M28 BCDSEMI-AM5668M28 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668M28-E1 ETC1-AM5668M28-E1 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results

Similar Description - AM5665M28-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
   5-channel BTL Driver for DVD player
May 2010 V1.6T
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com