Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5665 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AM5665
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5665 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5665 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665
Preliminary Datasheet
11
BCD Semiconductor Manufacturing Limited
Apr. 2005 Rev. 1. 1
Typical Application
Figure 14. Typical Application of AM5665 in DVD Player
21
15
16
17
18
19
20
22
23
24
25
26
27
28
8
14
13
12
11
10
9
7
6
5
4
3
2
1
STBY
0
18k
TRACK IN
330p
20K
150p
15k
SPINDLE IN
0.1
µ
0.1
µ
47
µ
5V
0
1
1
TK-
TK+
SP+
SP-
330p
20k
FOCUS IN
20k
150p
0
0.015
µ
1
1
FC-
FC+
SL+
SL-
TRAY+
TRAY-
47µ
10k
REV
10k
10k
FWD
10k
10k
SLED IN
5V
0.1
µ
V
BIAS


Similar Part No. - AM5665

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668M28 ETC1-AM5668M28 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5668M28 BCDSEMI-AM5668M28 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668M28-E1 ETC1-AM5668M28-E1 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results

Similar Description - AM5665

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
   5-channel BTL Driver for DVD player
May 2010 V1.6T
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com