Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD125813N Datasheet(PDF) 1 Page - Sensitron

Part # SHD125813N
Description  HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD125813N Datasheet(HTML) 1 Page - Sensitron

  SHD125813N Datasheet HTML 1Page - Sensitron SHD125813N Datasheet HTML 2Page - Sensitron SHD125813N Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
U
SENSITRON
U
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4805, REV. -
HERMETIC POWER SCHOTTKY RECTIFIER
150
°C Maximum Operation Temperature
DESCRIPTION: A 60-VOLT, 35 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC TO-254
PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ T
B
CB = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
60
Volts
MAXIMUM DC OUTPUT CURRENT (@ T
B
CB=100 P
O
P
C) (Single, Doubler)
I
B
OB
35
Amps
MAXIMUM DC OUTPUT CURRENT (@ T
B
CB=100 P
O
P
C)
(Common Cathode, Common Anode)
I
B
OB
35
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT (t=8.3ms, Sine)
I
B
FSMB
400
Amps
MAXIMUM JUNCTION CAPACITANCE
(V
B
r B=5V)
C
B
TB
1520
pF
MAXIMUM THERMAL RESISTANCE (Single)
R
B
θJC
B
1.25
°C/W
MAXIMUM THERMAL RESISTANCE
(Common Cathode, Common Anode, Doubler)
R
B
θJC
B
0.63
°C/W
MAXIMUM OPERATING TEMPERATURE RANGE
Top/Tstg
-55 to
+ 150
°C
MAXIMUM STORAGE TEMPERATURE RANGE
Top/Tstg
-55 to
+ 150
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (I
B
fB = 35 Amps)
T
B
J B= 25 °C
T
B
J B= 125 °C
V
B
fB
0.86
0.93
Volts
MAXIMUM REVERSE CURRENT (I
B
rB @ 60 V PIV)
T
B
J B= 25 °C
T
B
J B= 125 °C
I
B
rB
0.22
180
mA
SHD125813
SHD125813P
SHD125813N
SHD125813D


Similar Part No. - SHD125813N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125811 SENSITRON-SHD125811 Datasheet
45Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
SHD125811D SENSITRON-SHD125811D Datasheet
45Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
SHD125811N SENSITRON-SHD125811N Datasheet
45Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
SHD125811P SENSITRON-SHD125811P Datasheet
45Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
SHD125812 SENSITRON-SHD125812 Datasheet
45Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
More results

Similar Description - SHD125813N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125312 SENSITRON-SHD125312_08 Datasheet
51Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
SHD125611 SENSITRON-SHD125611_08 Datasheet
27Kb / 1P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
SHD125011 SENSITRON-SHD125011 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
SHD125012 SENSITRON-SHD125012 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
SHD125611 SENSITRON-SHD125611 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
SHD125411 SENSITRON-SHD125411 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
SHD125112 SENSITRON-SHD125112 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
SHD125513 SENSITRON-SHD125513 Datasheet
69Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
SHD125811 SENSITRON-SHD125811 Datasheet
45Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
SHD125211 SENSITRON-SHD125211 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com