Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STU9410 Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # STU9410
Description  N-Channel E nhancement Mode F ield E ffect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU9410 Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

  STU9410 Datasheet HTML 1Page - SamHop Microelectronics Corp. STU9410 Datasheet HTML 2Page - SamHop Microelectronics Corp. STU9410 Datasheet HTML 3Page - SamHop Microelectronics Corp. STU9410 Datasheet HTML 4Page - SamHop Microelectronics Corp. STU9410 Datasheet HTML 5Page - SamHop Microelectronics Corp. STU9410 Datasheet HTML 6Page - SamHop Microelectronics Corp. STU9410 Datasheet HTML 7Page - SamHop Microelectronics Corp. STU9410 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
5
35
9
3
95
05
7
41
7
85
30
3
84
0.94
3
3
4
5
9
3
9
1
6.00
0
36
4
9.70
1
82
398
1.425
1.625
56
0.064
0.650
0.850
6
33
L2
0.600
0.024
REF.
REF.
2.29
BSC
0.090
BSC
7
S T U/D9410


Similar Part No. - STU9410

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU90N4F3 STMICROELECTRONICS-STU90N4F3 Datasheet
343Kb / 14P
   N-channel 40V - 5.4m廓 - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
STU90N4F3 STMICROELECTRONICS-STU90N4F3 Datasheet
433Kb / 16P
   N-channel 40 V, 5.4 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
STU90N4F3 STMICROELECTRONICS-STU90N4F3 Datasheet
808Kb / 16P
   N-channel 40 V, 5.0 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
STU95N2LH5 STMICROELECTRONICS-STU95N2LH5 Datasheet
342Kb / 15P
   N-channel 25 V - 0.0038 廓 - 80 A - DPAK - IPAK STripFET??V Power MOSFET
STU95N2LH5 STMICROELECTRONICS-STU95N2LH5 Datasheet
351Kb / 15P
   N-channel 25 V, 0.0038 廓, 80 A - DPAK - IPAK STripFET??V Power MOSFET
More results

Similar Description - STU9410

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM9410 SAMHOP-SDM9410 Datasheet
420Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDU9916 SAMHOP-SDU9916 Datasheet
424Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
STU4525NL SAMHOP-STU4525NL Datasheet
889Kb / 8P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM4410 SAMHOP-SDM4410_09 Datasheet
131Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM4410 SAMHOP-SDM4410 Datasheet
386Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
STM4884A SAMHOP-STM4884A Datasheet
697Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
STU600S SAMHOP-STU600S Datasheet
856Kb / 8P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM40N02 SAMHOP-SDM40N02 Datasheet
664Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM4884 SAMHOP-SDM4884 Datasheet
690Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
STM7822 SAMHOP-STM7822 Datasheet
680Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com