Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STU5025NLS Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STU5025NLS
Description  N-Channel Logic Level E nhancement Mode Field Effect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU5025NLS Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STU5025NLS Datasheet HTML 1Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 2Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 3Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 4Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 5Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 6Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 7Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 8Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
S TU/D5025NLS
6
F igure 12. Maximum S afe
O perating Area
V DS , Drain-S ource V oltage (V )
100
10
0.5
0.1
1
1
10
30
60
VGS =10V
S ingle P ulse
Tc=25 C
DC
1s
100
ms
10m
s
1m
s
F igure 10. G ate C harge
Qg, T otal G ate C harge (nC )
10
8
6
4
2
0
0
5
10 15 20 25
30
35 40
VDS=15V
ID=20A
F igure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
0
5
10
15
20
25
30
1800
1500
1200
900
600
300
0
C iss
C oss
C rss
F igure 11.s witching characteris tics
R g, G ate R esistance (
W)
100
10
1
1
6 10
60 100
60
600
300
220
T D(on)
T D(off)
T r
T f
V DS =15V ,ID=1A
V G S =10V
5
600


Similar Part No. - STU5025NLS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STU5N52K3 STMICROELECTRONICS-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STU5N52K3 STMICROELECTRONICS-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STU5N60M2 STMICROELECTRONICS-STU5N60M2 Datasheet
1Mb / 22P
   Extremely low gate charge
June 2016 Rev 4
STU5N62K3 STMICROELECTRONICS-STU5N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
More results

Similar Description - STU5025NLS

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU3030NLS SAMHOP-STU3030NLS Datasheet
825Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NL SAMHOP-STU3525NL Datasheet
888Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP75N03L SAMHOP-SDP75N03L Datasheet
494Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP85N03L SAMHOP-SDP85N03L Datasheet
533Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NLS SAMHOP-STU6025NLS Datasheet
790Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU4530NLS SAMHOP-STU4530NLS Datasheet
944Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NL SAMHOP-STU6025NL Datasheet
874Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3030NL SAMHOP-STU3030NL Datasheet
826Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NLS SAMHOP-STU3525NLS Datasheet
850Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STP3055L2 SAMHOP-STP3055L2 Datasheet
676Kb / 7P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com