Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD3055L2-60 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STD3055L2-60
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD3055L2-60 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STD3055L2-60 Datasheet HTML 1Page - SamHop Microelectronics Corp. STD3055L2-60 Datasheet HTML 2Page - SamHop Microelectronics Corp. STD3055L2-60 Datasheet HTML 3Page - SamHop Microelectronics Corp. STD3055L2-60 Datasheet HTML 4Page - SamHop Microelectronics Corp. STD3055L2-60 Datasheet HTML 5Page - SamHop Microelectronics Corp. STD3055L2-60 Datasheet HTML 6Page - SamHop Microelectronics Corp. STD3055L2-60 Datasheet HTML 7Page - SamHop Microelectronics Corp. STD3055L2-60 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
S T U/D3055L2-60
Parameter
S ymbol
Condition
Min Typ Max Unit
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS
Diode Forward Voltage
VSD
VGS = 0V, Is =10A
1
1.3
V
b
C
Notes
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
F igure 1. Output C haracteristics
F igure 2. Transfer C haracteristics
F igure 4. On-R esistance Variation with
Temperature
F igure 3. C apacitance
V DS , Drain-to S ource Voltage (V )
V GS , G ate-to-S ource Voltage (V )
V DS , Drain-to-S ource Voltage (V )
a.Surface Mounted on FR 4 Board, t 10sec.
5
0
2
4
6
8
10
12
C iss
C oss
1500
1200
900
600
300
0
10
8
6
4
2
0
0
2
4
6
8
10
12
25 C
25
20
15
10
5
0
0.0
0.5
1
1.5
2
2.5
3
T j=125 C
3
2.2
1.8
1.4
1.0
0.6
0.2
0
-50
0
50
100
125
T j( C )
-25
25
75
V GS =4.5V
ID=6A
C rss
-55 C
V GS =2V
V GS =10,9,8,7,6,5,4,3V


Similar Part No. - STD3055L2-60

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STD3055L2 SAMHOP-STD3055L2 Datasheet
722Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - STD3055L2-60

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com