Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBPC15005W Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part No. GBPC15005W
Description  HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GBPC15005W Datasheet(HTML) 1 Page - Pan Jit International Inc.

  GBPC15005W Datasheet HTML 1Page - Pan Jit International Inc. GBPC15005W Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DATE : OCT.01.2002
FEATURES
• Plastic material has Underwriters Laboratory
Flammability Classification 94V-O
• The plastic package has Underwriters Laboratory Flammability
Classification 94V-O.
• Surge overload ratings to 300 Amperes .
GBPC15005W~GBPC1508W
HIGH CURRENT SILICON BRIDGE RECTIFIER
VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
DATA SHEET
Unit: inch ( mm )
GBPC-W
1.129(28.7)
1.118(28.4)
.469(11.9)
.429(10.9)
EPOXY CASE
.442(11.23)
.432(10.97)
.042(1.07)
.038(.97)
AC
AC
METAL HEAT SINK
.751(19.1)
.673(17.1)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Input Voltage
Maximum DC Blocking Voltage
DC Output Voltage, Resistive load
DC Output Voltage, Capacitive load
Maximum Average Forward Current For Resistive Load at TC=55°C
Non-repetitive Peak Forward Surge Current at Rated Load
Maximum Forward Voltage per Bridge Element at 7.5A Specified Current
Maximum Reverse Leakage Current at Rated @ TA=25°C
Dc Blocking Voltage @ TA=100°C
I2t Rating for fusing ( t<8.35ms)
Typical Thermal Resistance per leg (Fig 3) R
θJC
Operating Temperature Range, TJ
Storage Temperature Range, TA
V
V
V
A
°C / W
UNIT
°C
µA
15
1.2
374 / 664
10.0
1000
2.0
-55 to +150
A
300
V
A2S
°C
-55 to +150
V
V
GBPC
15005W
GBPC
1501W
GBPC
1502W
GBPC
1504W
GBPC
1506W
GBPC
1508W
50
30
50
50
35
100
62
100
100
70
200
124
200
200
140
400
250
400
400
280
600
380
600
600
420
800
505
800
800
560
MECHANICALDATA
Case:Molded plastic with heatsink integrally
mounthed in the bringe encapsulation.
Mounting position: Any
Weight: 1 ounce, 30 grams
“ W ” Sufflx Designates Wlre Leads
All Models are Available on B( Height)=7.62mm Max. Epoxy Case


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn