Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-016O002C-SPP3N00000 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # OLED-016O002C-SPP3N00000
Description  16 x 2 Character OLED
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-016O002C-SPP3N00000 Datasheet(HTML) 2 Page - Vishay Siliconix

  OLED-016O002C-SPP3N00000 Datasheet HTML 1Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 2Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 3Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 4Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 5Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 6Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 7Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 8Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
OLED-016O002C-SPP3N00000
www.vishay.com
Vishay
Revision: 18-Aug-16
2
Document Number: 37796
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
PIN TYPE
DESCRIPTION
1
NC
-
No connection
2VSL
P
This is segment voltage (output low level) reference pin.
When external VSL is not used, this pin should be left open. When external VSL is used, connect with
resistor and diode to ground (details depend on application).
3VSS
P
Ground pin. It must be connected to external ground.
4REG VDD
I
Internal VDD regulator selection pin in 5 V I/O application mode. When this pin is pulled “high”,
internal VDD regulator is enabled (5 V I/O application).
When this pin is pulled “low”, internal VDD regulator is disabled (low voltage I/O application).
5SHLC
I
This pin is used to determine the common output scanning direction.
COM scan direction
SHLC
COM scan direction
0
COM0 to COM31 (normal)
1
COM31 to COM0 (reverse)
Notes
• 0 is connected to VSS
• 1 is connected to VDDI/O
6SHLS
I
This pin is used to change the mapping between the display data column address and the segment
driver. SEG scan direction
SHLS
SEG direction
1
SEG0 to SEG99 (normal)
0
SEG99 to SEG0 (reverse)
Notes
• 0 is connected to VSS
• 1 is connected to VDDI/O
7VDD
P
Power supply for core logic operation. VDD can be supplied externally or regulated internally.
In LV I/O application (internal VDD is disabled), this is a power input pin.
In 5 V I/O application (internal VDD is enabled), VDD is regulated internally from VDDI/O.
A capacitor should be connected between VDD and VSS under all circumstances.
8VDDI/O
P
Low voltage power supply and power supply for interface logic level in both low voltage I/O and
5 V I/O application. It should match with the MCU interface voltage level and must be connected to
external source.
9BS0
I
MCU bus interface selection pins. Select appropriate logic setting as described in the following
table. BS2, BS1 and BS0 are pin select. Bus Interface selection.
10
BS1
11
BS2
BS [2:0]
Interface
000
Serial interface
001
Invalid
010
I2C
011
Invalid
100
8-bit 6800 parallel
101
4-bit 6800 parallel
110
8-bit 6800 parallel
111
4-bit 6800 parallel
Notes
• 0 is connected to VSS
• 1 is connected to VDDI/O
12
GPIO
I/O
It is a GPIO pin. Details refer to OLED command DCh.
13
CS#
I
This pin is the chip select input connecting to the MCU. The chip is enabled for MCU communication
only when CS# is pulled “low” (active “low”).
In I2C mode, this pin must be connected to VSS.
14
RES#
I
This pin is reset signal input.
When the pin is pulled “low”, initialization of the chip is executed. Keep this pin pull “high” during
normal operation.


Similar Part No. - OLED-016O002C-SPP3N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016O002C-LPP5N00000 VISHAY-OLED-016O002C-LPP5N00000 Datasheet
220Kb / 16P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-WPP5N00000 VISHAY-OLED-016O002C-WPP5N00000 Datasheet
219Kb / 16P
   16 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-016O002C-SPP3N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-LPP5N00000 VISHAY-OLED-016O002B-LPP5N00000 Datasheet
215Kb / 14P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002G-LPP5N00000 VISHAY-OLED-016O002G-LPP5N00000 Datasheet
221Kb / 14P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002A VISHAY-OLED-016N002A_V01 Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2023
OLED-016N002A VISHAY-OLED-016N002A Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-BPP5N00000 VISHAY-OLED-016N002C-BPP5N00000 Datasheet
406Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-WPP5N00000 VISHAY-OLED-016N002C-WPP5N00000 Datasheet
406Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C VISHAY-OLED-016N002C Datasheet
84Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002H-WPP5N00000 VISHAY-OLED-016N002H-WPP5N00000 Datasheet
378Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-BPP5N00000 VISHAY-OLED-016O002B-BPP5N00000 Datasheet
427Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com