Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD126112N Datasheet(PDF) 1 Page - Sensitron

Part # SHD126112N
Description  SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD126112N Datasheet(HTML) 1 Page - Sensitron

  SHD126112N Datasheet HTML 1Page - Sensitron SHD126112N Datasheet HTML 2Page - Sensitron SHD126112N Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web - http://www.sensitron.com E-mail Address - sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 671, REV. B
SCHOTTKY RECTIFIER
Very Low Forward Voltage
Applications:
œ Switching Power Supply œ Converters œ Free-Wheeling Diodes œ Polarity Protection Diode
Features:
œ Soft Reverse Recovery at Low and High Temperature
œ Low Forward Voltage Drop
œ Low Power Loss, High Efficiency
œ High Surge Capacity
œ Guard Ring for Enhanced Durability and Long Term Reliability
œ Guaranteed Reverse Avalanche Characteristics
œ Add Prefix C to SHD – For Ceramic Seals (SHDC)
œ Add Suffix SS For JANS Screening
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
45
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Single & Doubler)
7.5
A
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Common Anode &
Common Cathode)
15
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(per leg)
75
A
Max. Thermal Resistance
R JC
(per leg)
4.1
•C/W
Max. Junction Temperature
TJ
-
-65 to +150
•C
Max. Storage Temperature
Tstg
-
-65 to +150
•C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 7.5A, Pulse, TJ = 25
•C
(per leg)
0.65
V
VF2
@ 7.5A, Pulse, TJ = 125
•C
(per leg)
0.60
V
Max. Reverse Current
IR1
@VR = 45V, Pulse,
TJ = 25
•C (per leg)
0.75
mA
IR2
@VR = 45V, Pulse,
TJ = 125
•C (per leg)
35
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25
•C
fSIG = 1MHz,
VSIG = 50mV (p-p) (per leg)
400
pF
SHD126112
SHD126112P
SHD126112N
SHD126112D


Similar Part No. - SHD126112N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126111 SENSITRON-SHD126111 Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126111D SENSITRON-SHD126111D Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126111N SENSITRON-SHD126111N Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126111P SENSITRON-SHD126111P Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
More results

Similar Description - SHD126112N

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com